Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBZ Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part # MBZ
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

MBZ Datasheet(HTML) 1 Page - RUBYCON CORPORATION

  MBZ Datasheet HTML 1Page - RUBYCON CORPORATION MBZ Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SERIES
MBZ
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
♦PART NUMBER
Rated Voltage
MBZ
Series
Option
Lead Forming
DxL
Case Size
Rated Capacitance
Capacitance Tolerance
(120Hz)
Rated Voltage
(V)
Z(-25
°C)/Z(20°C)
Z(-40
°C)/Z(20°C)
Leakage Current
Dissipation Factor
Capacitance Change
Within
±25% of the initial value.
Not more than 200% of the specified value.
Not more than the specified value.
Rated Voltage
(V)
tan
δ
(20
°C,120Hz)
I=0.03CV (After 3 minutes application of rated voltage)
I=Leakage Current(
µA)
C=Rated Capacitance(
µF)
V=Rated Voltage(V)
-40~+105
°C
6.3~16V.DC
±20%(20°C,120Hz)
Items
Characteristics
Category Temperature
Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current(MAX)
Dissipation
Factor(MAX)
Endurance
Low Temperature
Stability
Impedance Ratio(MAX)
♦SPECIFICATIONS
MBZ
0.22
6.3
0.19
10
0.16
16
After applying rated voltage with rated ripple current for 2000hrs at 105
°C, the capacitors shall
meet the following requirements.
When rated capacitance is over 1000
µF, tanδ shall be added 0.02 to the listed value with
increase of every 1000
µF.
105
°C Ultra Low ESR.
♦FEATURES
• Ultra Low ESR for VRM.
• Enabled high ripple current by a reduction of ESR at high frequency range.
3
6.3
3
10
3
16
222
0.50
0.80
0.90
1.00
♦MULTIPLIER FOR RIPPLE CURRENT
Frequency coefficient
Frequency
(Hz)
Coefficient
1k
10k
100k
120
<
=


Similar Part No. - MBZ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBZ-ZZM15 ETC2-MBZ-ZZM15 Datasheet
862Kb / 22P
Preliminary Specification
MBZ-ZZM16 ETC2-MBZ-ZZM16 Datasheet
862Kb / 22P
Preliminary Specification
MBZ-ZZML1 ETC2-MBZ-ZZML1 Datasheet
862Kb / 22P
Preliminary Specification
More results

Similar Description - MBZ

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRBX NIC-NRBX Datasheet
166Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NRE-LW NIC-NRE-LW Datasheet
187Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NRE-LX NIC-NRE-LX Datasheet
38Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NRE-SW NIC-NRE-SW Datasheet
134Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NRSA NIC-NRSA Datasheet
168Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NRSH NIC-NRSH Datasheet
282Kb / 3P
Miniature Aluminum Electrolytic Capacitors
NRWP NIC-NRWP Datasheet
189Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NRWX NIC-NRWX Datasheet
139Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NSRW NIC-NSRW Datasheet
137Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NSRZ NIC-NSRZ Datasheet
121Kb / 1P
Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com