Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBZ Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # MBZ
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

MBZ Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  MBZ Datasheet HTML 1Page - RUBYCON CORPORATION MBZ Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
(mm)
♦DIMENSIONS
φD
φd
F
α
8
0.6
3.5
10
5.0
♦STANDARD SIZE
Rated voltage 6.3V(0J)
Rated capacitance
(
µF)
Size
φDxL (mm)
Rated ripple current
(mA r.m.s./105
°C, 100kHz)
ESR
(m
ΩMAX/20°C, 100kHz)
Rated capacitance
(
µF)
Size
φDxL (mm)
Rated ripple current
(mA r.m.s./105
°C, 100kHz)
ESR
(m
ΩMAX/20°C, 100kHz)
Rated capacitance
(
µF)
Size
φDxL (mm)
Rated ripple current
(mA r.m.s./105
°C, 100kHz)
ESR
(m
ΩMAX/20°C, 100kHz)
1140
1490
1870
1540
2000
2550
2800
36
28
19
26
19
13
12
8X11.5
820
1200
1800
1500
1800
2200
3300
8X16
8X20
10X12.5
10X16
10X20
10X23
Rated voltage 10V(1A)
1140
1490
1870
1540
2000
2550
2800
36
28
19
26
19
13
12
8X11.5
680
1000
1500
1000
1500
1800
2200
8X16
8X20
10X12.5
10X16
10X20
10X23
Rated voltage 16V(1C)
1140
1490
1870
1540
2000
2550
2800
36
28
19
26
19
13
12
8X11.5
470
680
1000
680
1000
1500
1800
8X16
8X20
10X12.5
10X16
10X20
10X23
MBZ
L 16 :
α=1.5
L 20 :
α=2.0
>
=
<
=
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
L+
αMAX
15MIN
4MIN
φd
φD+0.5MAX
SLEEVE



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com