Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMG Datasheet(PDF) 4 Page - RUBYCON CORPORATION

Part # MMG
Description  METALLIZED POLYESTER FILM CAPACITORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

MMG Datasheet(HTML) 4 Page - RUBYCON CORPORATION

  MMG Datasheet HTML 1Page - RUBYCON CORPORATION MMG Datasheet HTML 2Page - RUBYCON CORPORATION MMG Datasheet HTML 3Page - RUBYCON CORPORATION MMG Datasheet HTML 4Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
METALLIZED POLYESTER FILM CAPACITORS
MMG
◆PERMISSIBLE CURRENT FOR FREQUENCY
0
1
2
3
4
5
6
7
10
100
1000
0
1
2
3
4
5
6
10
100
1000
225
105
474
224
104
473
223
103
Frequency(kHz)
250MMG
Frequency(kHz)
630MMG
0
1
2
3
4
5
6
10
100
1000
225
155
105
684
474
334
224
154
104
106
475
225
105
474
224
104
Frequency(kHz)
450MMG
0
1
2
3
4
5
6
10
100
1000
475
225
105
474
224
104
Frequency(kHz)
400MMG



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com