Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMH Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part # MMH
Description  METALLIZED POLYESTER FILM CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

MMH Datasheet(HTML) 1 Page - RUBYCON CORPORATION

  MMH Datasheet HTML 1Page - RUBYCON CORPORATION MMH Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
◆OUTLINE
(mm)
◆PART NUMBER
450
Rated Voltage
MMH
Series
□□□
Sub mark
□□
Suffix
□□□
Rated capacitance
□
Tolerance
Blank
E7,H7,Y7,17
Symbol
450
UR
450VDC
Symbol
J
K
Tolerance
± 5%
±10%
Symbol
Blank
E7
H7
Y7
77
Lead style
Long lead type
Lead forming cut
LS=7.5
Lead forming cut
LS=10.0
Lead forming cut
LS=15.0
Symbol
S7
W7
Lead style
Lead forming cut
LS=5.0
Lead forming cut
LS=7.5
Lead forming cut
LS=20.0
S7,W7
◆SPECIFICATIONS
−40℃∼+105℃
±5%(J), ±10%(K)
0.01max at 1kHz
UR×150% 60s
0.33μF≧:15000MΩmin
0.33μF<:5000ΩFmin
JIS C 5101-2, JIS C 5101-1
450VDC
Category temperature
Rated voltage (UR)
Voltage proof
Insulation resistance
Reference standard
Capacitance tolerance
tanδ
Derate the voltage as shown in the Fig2 at P204 when using the capacitor beyond 85℃.)
METALLIZED POLYESTER FILM CAPACITORS
MMH
◆FEATURES
• Small and high current.
• Reliability is excellent becanse these capacitors provide self-healing and the
contruction of safety protection.
• Coated with flame-retardant (UL94 V-0) epoxy resin.
• Ideal for active filter circuit, etc.
• RoHS compliance.
SERIES
MMH
NEW


Similar Part No. - MMH

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
MMH MSYSTEM-MMH Datasheet
101Kb / 4P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MMH-110 MSYSTEM-MMH-110 Datasheet
101Kb / 4P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MMH-130 MSYSTEM-MMH-130 Datasheet
101Kb / 4P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MMH-210 MSYSTEM-MMH-210 Datasheet
101Kb / 4P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MMH-230 MSYSTEM-MMH-230 Datasheet
101Kb / 4P
Lightning Surge Protectors for Electronics Equipment M-RESTER
More results

Similar Description - MMH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MKT370 PHILIPS-MKT370 Datasheet
1Mb / 74P
Metallized polyester film capacitors
2001 Jun 22
logo
RUBYCON CORPORATION
MMK RUBYCON-MMK Datasheet
45Kb / 2P
METALLIZED POLYESTER FILM CAPACITORS
logo
List of Unclassifed Man...
MKT365 ETC2-MKT365 Datasheet
181Kb / 30P
Metallized polyester film capacitors
logo
EPCOS
B32537 EPCOS-B32537 Datasheet
308Kb / 20P
Film Capacitors Metallized Polyester Film Capacitors
B32559C EPCOS-B32559C Datasheet
425Kb / 23P
Film Capacitors Metallized Polyester Film Capacitors
B32559S EPCOS-B32559S Datasheet
327Kb / 18P
Film Capacitors Metallized Polyester Film Capacitors
B32591 EPCOS-B32591 Datasheet
533Kb / 26P
Film Capacitors Metallized Polyester Film Capacitors
B32932 EPCOS-B32932 Datasheet
295Kb / 18P
Film Capacitors Metallized Polyester Film Capacitors
logo
MERITEK ELECTRONICS COR...
DMPE MERITEK-DMPE Datasheet
122Kb / 1P
Metallized Polyester Film Capacitors
TMPE MERITEK-TMPE Datasheet
167Kb / 1P
Metallized Polyester Film Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com