Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC566 Datasheet(PDF) 1 Page - Picker Components

Part # PC566
Description  Ultraminiature Automotive PCB Twin Power Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC566 Datasheet(HTML) 1 Page - Picker Components

  PC566 Datasheet HTML 1Page - Picker Components PC566 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Ultraminiature Automotive PCB Twin Power Relay
FEATURES
Uniquely designed for DC motor control
Ultraminiature Design very light weight
Contact switching capacity up to 30 Amps
Sensitive Coil (low pull in voltage) available
Sealed immersion cleanable
PC566
Max. Switching Voltage
16 VDC
2 X Form C (H-Bridge)
CONTACT RATINGS
CHARACTERISTICS
Operate Time
2.5 ms. typical (no coil suppression)
Release Time
Insulation Resistance
1.2 ms. typical (no coil suppression)
100 megohms min, at 500VDC, 50%RH
Dielectric Strength
1000 Vrms, 1 min. between coil and contacts
Shock Resistance
30 g, 6 ms, functional; 100 g, destructive
Vibration Resistance
6g, 10 - 500 Hz
Power Consumption
0.64 W and 0.80 W
Ambient Temperature Range
-40 to 85 degrees C or -40 to 105 degrees C operating
Weight
4.1 grams approx.
Sales: Call Toll Free (888)997-3933 Fax (818) 342-5296 email: pickerwest@sbcglobal.net URL: pickercomponents.com
3220 Commander Drive, Suite 102, Carrollton, Texas 75006
PC566 Rev A 5-28-04
PAGE 1
CONTACT DATA
Material
Initial Contact Resistance
Service Life
Mechanical
Electrical
AgSnO (Silver Tin Oxide)
100 milliohms max @ 0.1A, 6VDC
1 X 106
1 X 10 5
Operations
Operations
2 X SPDT (H-Bridge)
Contact Form
Max Switching Current
25 Amps at 14 VDC
30 Amps
25 Amps
Max. Continuous Current
Max. Switching Power
480 W
Drop Resistance
1 Meter height drop on concrete
Motor Locked Rotor
ORDERING INFORMATION
Example:
PC566
Model
-2C
Contact Form
Coil Power
-12
Nil: 0.64 W; H: Sensitive 0.80 W
Coil Voltage
H
2C: 2 X 1C (H-Bridge)
Ambient Temperature Rating
Nil: 85 Degrees C; F: 105 Degrees C
F
Internal H-Bridge
Up to105 degrees C operating temperature


Similar Part No. - PC566

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PC56651GC NXP-PC56651GC Datasheet
1Mb / 76P
INTEGRATED CELLULAR BASEBAND PROCESSOR DEVELOPMENT IC
Rev 0, 6/98
logo
Picker Components
PC566 PICKER-PC566_14 Datasheet
162Kb / 2P
Ultraminiat ure Au tomotive PCB Twin Power Relay
PC566 PICKER-PC566_17 Datasheet
453Kb / 2P
Ultraminature Automotive PCB Twin Power Relay
More results

Similar Description - PC566

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC567 PICKER-PC567 Datasheet
156Kb / 2P
Ultraminiature Automotive PCB Twin Power Relay
PC615 PICKER-PC615 Datasheet
178Kb / 2P
Ultraminiature Automotive PCB Twin Power Relay
PC619 PICKER-PC619 Datasheet
190Kb / 2P
Ultraminiature Automotive PCB Twin Power Relay
PC537 PICKER-PC537 Datasheet
179Kb / 2P
Ultraminiature Automotive PCB Power Relay
PC549 PICKER-PC549 Datasheet
163Kb / 2P
Ultraminiature Automotive PCB Twin Power Relay
PC565 PICKER-PC565 Datasheet
131Kb / 2P
Ultraminiature Automotive PCB Power Relay
logo
DB Lectro Inc
HG4520 DBLECTRO-HG4520 Datasheet
41Kb / 2P
Automotive Ultraminiature PCB Power Relay
logo
Picker Components
PC549 PICKER-PC549_17 Datasheet
733Kb / 3P
Ultraminiature Automotive PCB Twin Power Relay
PC565 PICKER-PC565_17 Datasheet
349Kb / 2P
Ultraminiature Automotive PCB Power Relay
PC567 PICKER-PC567_17 Datasheet
328Kb / 2P
Ultraminiature Automotive PCB Twin Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com