Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC566 Datasheet(PDF) 2 Page - Picker Components

Part # PC566
Description  Ultraminiature Automotive PCB Twin Power Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC566 Datasheet(HTML) 2 Page - Picker Components

  PC566 Datasheet HTML 1Page - Picker Components PC566 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PC566
PC566
COIL DATA
Coil Voltage
12
Resistance
ohms + 10%
Must Operate
Voltage Max.
(VDC)
Must Release
Voltage Min.
(VDC)
Coil Power
Consumption
(W)
225
180
6.5
1.0
0.80
_
Sales: Call Toll Free (888) 997-3933 Fax (818) 342-5296 email: pickerwest@sbcglobal.net URL: pickercomponents.com
3220 Commander Drive, Suite 102, Carrollton, Texas 75006
PAGE 2
Tolerances + .010 unless otherwise noted
Notes:
7.2
1.0
0.64
12 (H)
(8.4)
.331
(3.0)
.118
Wiring Diagram
Bottom View
(14.0)
.551
(14.1)
.555
(14.5)
.571
(3.5)
.138
Dimensions in Inches (millimeters)
Side View
End View
Bottom View
PC Board Layout
Drawings are 2X actual size
.063 (1.6) Dia. 4 Places
.039 (1.0) Dia. 4 Places
(6.4)
.252
(3.2)
.126
(3.2)
.126
(3.2)
.126
(12.4)
.488



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com