Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC615 Datasheet(PDF) 1 Page - Picker Components

Part # PC615
Description  Ultraminiature Automotive PCB Twin Power Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC615 Datasheet(HTML) 1 Page - Picker Components

  PC615 Datasheet HTML 1Page - Picker Components PC615 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Ultraminiature Automotive PCB Twin Power Relay
FEATURES
Subminiature twin relay
2 X 1 C contact form
Sealed, immersion cleanable
Contact switching capacity up to 75 Amps
105 degrees C operating temperature
PC615
Max. Switching Voltage
16 VDC
2 Times 1 Form C
CONTACT RATINGS
CHARACTERISTICS
Operate Time
5 ms. typical
Release Time
Insulation Resistance
2 ms. typical
1000 megohms min, at 500VDC, 50%RH
Dielectric Strength
1000 Vrms, 1 min. between coil and contacts
Shock Resistance
30 g, 6 ms, functional; 100 g, destructive
Vibration Resistance
6g, 10 - 500 Hz
Power Consumption
0.64 W or 0.93 W
Ambient Temperature Range
-40 to 105 degrees C operating, -40 to 155 storage
Weight
25 grams approx.
Sales: Call Toll Free (888)997-3933 Fax (818) 342-5296 email: pickerwest@sbcglobal.net URL: pickercomponents.com
3220 Commander Drive, Suite 102, Carrollton, Texas 75006
PC615 Rev B 4-14-04
PAGE 1
ORDERING INFORMATION
Example:
PC615
Model
-12
Coil Power
Contact Material
S
CONTACT DATA
Material
Initial Contact Resistance
Service Life
Mechanical
Electrical
AgSnOInO (Silver Tin Oxide Indium Oxide)
100 milliohms max @ 0.1A, 6VDC
1 X 107
1 X 10 5
Operations
Operations
2 X SPDT
Nil: AgSnO, T: AgSnOInO
Coil Voltage
H
Contact Form
Max Switching Current
Break 40 Amps
Make 75 Amps
20 Amps @ 14 VDC
AgSnO (Silver Tin Oxide)
Max. Continuous Current
Minimum Load
0.5 Amps @ 12 VDC
Drop Resistance
1 Meter height drop on concrete
Nil: 0.64 W, H: 0.93 W
Coils can be used together or independently
Uniquely designed for motor reversing
Enclosure
C: Dust Cover, S: Sealed Case
T


Similar Part No. - PC615

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PC61 ETC-PC61 Datasheet
721Kb / 7P
80 AMPERE MINIATURE DIRECT CURRENT CONTACTORS
logo
TE Connectivity Ltd
PC610 TEC-PC610 Datasheet
1Mb / 16P
Passive Components
August 2007
logo
Nippon Pulse America, I...
PC6115 NPM-PC6115 Datasheet
167Kb / 1P
Controller Chip
logo
Sharp Corporation
PC616A SHARP-PC616A Datasheet
259Kb / 4P
Hgh -w=der Vtige, Hgh Density Mounting Type Photocoupler
PC616AD SHARP-PC616AD Datasheet
259Kb / 4P
Hgh -w=der Vtige, Hgh Density Mounting Type Photocoupler
More results

Similar Description - PC615

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC566 PICKER-PC566 Datasheet
136Kb / 2P
Ultraminiature Automotive PCB Twin Power Relay
PC567 PICKER-PC567 Datasheet
156Kb / 2P
Ultraminiature Automotive PCB Twin Power Relay
PC619 PICKER-PC619 Datasheet
190Kb / 2P
Ultraminiature Automotive PCB Twin Power Relay
PC537 PICKER-PC537 Datasheet
179Kb / 2P
Ultraminiature Automotive PCB Power Relay
PC549 PICKER-PC549 Datasheet
163Kb / 2P
Ultraminiature Automotive PCB Twin Power Relay
PC565 PICKER-PC565 Datasheet
131Kb / 2P
Ultraminiature Automotive PCB Power Relay
logo
DB Lectro Inc
HG4520 DBLECTRO-HG4520 Datasheet
41Kb / 2P
Automotive Ultraminiature PCB Power Relay
logo
Picker Components
PC549 PICKER-PC549_17 Datasheet
733Kb / 3P
Ultraminiature Automotive PCB Twin Power Relay
PC565 PICKER-PC565_17 Datasheet
349Kb / 2P
Ultraminiature Automotive PCB Power Relay
PC567 PICKER-PC567_17 Datasheet
328Kb / 2P
Ultraminiature Automotive PCB Twin Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com