Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC621 Datasheet(PDF) 1 Page - Picker Components

Part # PC621
Description  Subminiature Automotive PCB Twin Power Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC621 Datasheet(HTML) 1 Page - Picker Components

  PC621 Datasheet HTML 1Page - Picker Components PC621 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Subminiature Automotive PCB Twin Power Relay
FEATURES
Subminiature twin relay
2 X 1A and 2 X 1C contact forms available
Sealed, immersion cleanable
15 and 20 amp versions available
Coils can be used together or independently
PC621
Max. Switching Voltage
30 VDC
Normally Open
CONTACT RATINGS
CHARACTERISTICS
Operate Time
10 ms. typical
Release Time
Insulation Resistance
5 ms. typical
100 megohms min, at 500VDC, 50%RH
Dielectric Strength
1000 Vrms, 1 min. between coil and contacts
Shock Resistance
30 g, 6 ms, functional; 100 g, destructive
Vibration Resistance
6g, 10 - 500 Hz
Power Consumption
0.45 W
Ambient Temperature Range
-30 to 85 degrees C operating, -40 to 125 storage
Weight
15 grams approx.
Sales: Call Toll Free (888)997-3933 Fax (818) 342-5296 email: pickerwest@sbcglobal.net URL: pickercomponents.com
3220 Commander Drive, Suite 102, Carrollton, Texas 75006
PC621 Rev B 4-14-03
PAGE 1
ORDERING INFORMATION
Example:
PC621
Model
-2C
Contact Form
Contact Material
-12
CONTACT DATA
Material
Initial Contact Resistance
Service Life
Mechanical
Electrical
AgSnO (silver tin oxide)
100 milliohms max @ 0.1A, 6VDC
1 X 107
1 X 10 5
Operations
Operations
Coil Voltage
S
Contact Form
Max Switching Current
15 amps @ 24VDC
20 amps @ 15 VDC
AgCdO (silver cadmium oxide)
Minimum Load
0.1 Amps @ 5 VDC
Drop Resistance
1 Meter height drop on concrete
2A: 2 X 1A or 2C: 2 X 1C
Uniquely Designed for motor reversing
30 VDC
10 amps @ 24VDC
15 amps @ 15 VDC
Normally Closed
Enclosure
C: Dust Cover, S: Sealed Case
Nil: AgSnO, C: AgCdO, T: AgSnOInO
C


Similar Part No. - PC621

ManufacturerPart #DatasheetDescription
logo
DENSEI-LAMBDA
PC6 LAMBDA-PC6 Datasheet
363Kb / 4P
Single output DC-DC converter 1.5W ~ 6W
PC6-12-12 LAMBDA-PC6-12-12 Datasheet
363Kb / 4P
Single output DC-DC converter 1.5W ~ 6W
PC6-12-3.3 LAMBDA-PC6-12-3.3 Datasheet
363Kb / 4P
Single output DC-DC converter 1.5W ~ 6W
PC6-12-5 LAMBDA-PC6-12-5 Datasheet
363Kb / 4P
Single output DC-DC converter 1.5W ~ 6W
logo
Superworld Electronics
PC6-160 SUPERWORLD-PC6-160 Datasheet
110Kb / 1P
POWER TRANSFORMER
More results

Similar Description - PC621

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HG4231 ETC-HG4231 Datasheet
116Kb / 2P
Subminiature PCB Power Relay Automotive Subminiature PCB Power Relay
logo
Picker Components
PC617 PICKER-PC617 Datasheet
235Kb / 2P
Automotive Twin PCB Power Relay
PC517 PICKER-PC517 Datasheet
196Kb / 2P
Automotive Subminiature PCB Power Relay
PC558 PICKER-PC558 Datasheet
174Kb / 2P
Subminiature Automotive PCB Twin Power Relay
logo
DB Lectro Inc
HG4232 DBLECTRO-HG4232 Datasheet
60Kb / 2P
Subminiature PCB Power Relay Automotive Subminiature PCB Power Relay
HG4508 DBLECTRO-HG4508 Datasheet
53Kb / 2P
Automotive Subminiature PCB Twin Relay
HG4519 DBLECTRO-HG4519 Datasheet
51Kb / 2P
Automotive Subminiature PCB Twin Relay
logo
Picker Components
PC517 PICKER-PC517_14 Datasheet
205Kb / 2P
Automotive Subminiature PCB Power Relay
PC617 PICKER-PC617_14 Datasheet
315Kb / 2P
Automotive Twin PCB Power Relay
PC617 PICKER-PC617_17 Datasheet
1Mb / 2P
Automotive Twin PCB Power Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com