Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC621 Datasheet(PDF) 2 Page - Picker Components

Part # PC621
Description  Subminiature Automotive PCB Twin Power Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC621 Datasheet(HTML) 2 Page - Picker Components

  PC621 Datasheet HTML 1Page - Picker Components PC621 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PC621
PC621
COIL DATA
Coil Voltage
5
9
12
Resistance
ohms + 10%
Must Operate
Voltage Max.
VDC
Must Release
Voltage Min.
VDC
Coil Power
Consumption
W
56
80
180
4.50
6.75
0.30
0.45
0.45
_
Sales: Call Toll Free (888) 997-3933 Fax (818) 342-5296 email: pickerwest@sbcglobal.net URL: pickercomponents.com
3220 Commander Drive, Suite 102, Carrollton, Texas 75006
PAGE 2
Tolerances + .010 unless otherwise noted
3.75
0.25
6
320
9.00
0.60
Wiring Diagrams
Bottom View
Dimensions in Inches (millimeters)
Side View
End View
Bottom View
PC Board Layout
(23.1)
.909
(16.2)
.638
(17.2)
.677
(4.0)
.157
18
24
1.20
0.90
18.0
13.5
720
1280
2 Form A
2 Form C
.138
(3.5)
.071
(1.8)
.177
(4.5)
.315
(8.0)
.315
(8.0)
.102
(2.6)
.221
5.6)
.236
(6.0)
.071
(1.8)
.138
(3.5)
.177
(4.5)
.417
(10.6)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com