Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC459 Datasheet(PDF) 1 Page - Picker Components

Part # PC459
Description  DPDT Miniature PCB Power Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC459 Datasheet(HTML) 1 Page - Picker Components

  PC459 Datasheet HTML 1Page - Picker Components PC459 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DPDT Miniature PCB Power Relay
FEATURES
Lowest cost DPDT relay
2A, 2B and 2C contact forms available
Sealed, immersion cleanable
5 and 8 amp versions available
Class B(125 degrees C) insulation standard
PC459
Max. Switching Voltage
30 VDC
All Contact Forms
CONTACT RATINGS
CHARACTERISTICS
Operate Time
5 ms. typical
Release Time
Insulation Resistance
4 ms. typical
100 megohms min, at 500VDC, 50%RH
Dielectric Strength
1000 Vrms, 1 min. between coil and contacts
Shock Resistance
30 g, 6 ms, functional; 100 g, destructive
Vibration Resistance
6g, 10 - 500 Hz
Power Consumption
0.5 W or .6 W
Ambient Temperature Range
-40 to 105 degrees C operating, -40 to 125 storage
Weight
12 grams approx.
Sales: Call Toll Free (888)997-3933 Fax (818) 342-5296 email: pickerwest@sbcglobal.net URL: pickercomponents.com
3220 Commander Drive, Suite 102, Carrollton, Texas 75006
PC459 Rev C 4-5-04
PAGE 1
ORDERING INFORMATION
Example:
PC459
Model
-2C
Contact Form
Enclosure
-12
CONTACT DATA
Material
Initial Contact Resistance
Service Life
Mechanical
Electrical
AgSnO (silver tin oxide)
100 milliohms max @ 0.1A, 6VDC
1 X 107
1 X 10 5
Operations
Operations
S: Sealed, C: Dust Cover
Coil Voltage
S
Contact Form
Max Switching Current
3 amps @ 30VDC
3 amps @ 277 VAC
AgCdO (silver cadmium oxide)
Minimum Load
0.05 Amps @ 5 VDC (gold clad)
Drop Resistance
1 Meter height drop on concrete
2A, 2B, or 2C
Class F(155 degrees C) insulation available
.5 Watt Coil
.6 Watt Coil
30 VDC
5 amps @ 30VDC
5 amps @ 277 VAC
Options
G: Gold Clad
G
File # E86876
5 amps @ 125 VAC
8 amps @ 125 VAC


Similar Part No. - PC459

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC459 PICKER-PC459_14 Datasheet
195Kb / 2P
DPDT Miniature PCB Power Relay
PC459 PICKER-PC459_17 Datasheet
456Kb / 2P
Miniature PCB Power Relay
More results

Similar Description - PC459

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ733 ETC-AZ733 Datasheet
85Kb / 2P
DPDT MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ742 ZETTLER-AZ742 Datasheet
182Kb / 4P
8 A DPDT MINIATURE POWER RELAY
AZ743 ZETTLER-AZ743 Datasheet
52Kb / 2P
10 AMP DPDT MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ733 AZETTLER-AZ733 Datasheet
117Kb / 2P
DPDT MINIATURE POWER RELAY
AZ742 AZETTLER-AZ742 Datasheet
91Kb / 2P
8 A DPDT MINIATURE POWER RELAY
AZ743 AZETTLER-AZ743 Datasheet
183Kb / 3P
10 AMP DPDT MINIATURE POWER RELAY
logo
Picker Components
PC459 PICKER-PC459_14 Datasheet
195Kb / 2P
DPDT Miniature PCB Power Relay
logo
ZETTLER Electronics
AZ733 ZETTLER-AZ733 Datasheet
47Kb / 2P
DPDT MINIATURE POWER RELAY
AZ742 ZETTLER-AZ742_12 Datasheet
99Kb / 4P
10 A DPDT MINIATURE POWER RELAY
AZ743 ZETTLER-AZ743_13 Datasheet
47Kb / 2P
10 AMP DPDT MINIATURE POWER RELAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com