Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC459 Datasheet(PDF) 2 Page - Picker Components

Part # PC459
Description  DPDT Miniature PCB Power Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC459 Datasheet(HTML) 2 Page - Picker Components

  PC459 Datasheet HTML 1Page - Picker Components PC459 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PC459
PC459
COIL DATA
Coil Voltage
6
12
24
Resistance
ohms + 10%
Must Operate
Voltage Max.
VDC
Must Release
Voltage Min.
VDC
Coil Power
Consumption
W
72
162
288
6.75
9.0
0.9
1.2
0.5
_
Sales: Call Toll Free (888) 997-3933 Fax (818) 342-5296 email: pickerwest@sbcglobal.net URL: pickercomponents.com
3220 Commander Drive, Suite 102, Carrollton, Texas 75006
PAGE 2
Tolerances + .010 unless otherwise noted
4.5
0.6
0.6
9
1152
18.0
2.4
Wiring Diagrams
Bottom View
Dimensions in Inches (millimeters)
Side View
End View
Bottom View
PC Board Layout
2A
2B
2C
(22.0)
.866
(16.5)
.650
(16.5)
.650
(4.5)
.177
(12.7)
.500
(5.1)
.201
(2.5)
.098
(10.2)
.401
(5.1)
.201
8 X .060 (1.5)
6
12
24
9
0.9
1.2
0.6
2.4
6.75
9.0
4.5
18.0
60
135
240
960



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com