Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC9351D Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MPC9351D
Description  Low Voltage PLL Clock Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC9351D Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MPC9351D Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC9351D Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC9351D Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC9351D Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC9351D Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC9351D Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC9351D Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC9351D Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC9351D Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MPC9351
MOTOROLA
TIMING SOLUTIONS
4
DC CHARACTERISTICS (VCC = 3.3V ± 5%, TA = –40° to 85°C)
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
VIH
Input High Voltage
2.0
VCC + 0.3
V
LVCMOS
VIL
Input Low Voltage
0.8
V
LVCMOS
VPP
Peak-to-Peak Input Voltage
PCLK, PCLK
250
mV
LVPECL
VCMRa
Common Mode Range
PCLK, PCLK
1.0
VCC-0.6
V
LVPECL
VOH
Output High Voltage
2.4
V
IOH=-24 mAb
VOL
Output Low Voltage
0.55
0.30
V
V
IOL= 24 mA
IOL= 12 mA
ZOUT
Output Impedance
14 - 17
W
IIN
Input Leakage Current
±150
µA
VIN = VCC or GND
ICCA
Maximum PLL Supply Current
3.0
5.0
mA
VCCA Pin
ICCQ
Maximum Quiescent Supply Current
1.0
mA
All VCC Pins
a.
VCMR (DC) is the crosspoint of the differential input signal. Functional operation is obtained when the crosspoint is within the VCMR range
and the input swing lies within the VPP (DC) specification.
b.
The MPC9351 is capable of driving 50
Ω transmission lines on the incident edge. Each output drives one 50Ω parallel terminated
transmission line to a termination voltage of VTT. Alternatively, the device drives up to two 50Ω series terminated transmission lines.
AC CHARACTERISTICS (VCC = 3.3V ± 5%, TA = –40° to 85°C)a
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
fref
Input Frequency
÷ 2 feedback
÷ 4 feedback
÷ 8 feedback
Static test mode
100
50
25
0
200
100
50
300
MHz
MHz
MHz
MHz
PLL_EN = 1
PLL_EN = 1
PLL_EN = 1
PLL_EN = 0
fVCO
VCO Frequency
200
400
MHz
fMAX
Maximum Output Frequency
÷ 2 output
÷ 4 output
÷ 8 output
100
50
25
200
100
50
MHz
MHz
MHz
frefDC
Reference Input Duty Cycle
25
75
%
VPP
Peak-to-Peak Input Voltage PCLK, PCLK
500
1000
mV
LVPECL
VCMRb
Common Mode Range
PCLK, PCLK
1.2
VCC-0.9
V
LVPECL
tr, tf
TCLK Input Rise/Fall Time
1.0
ns
0.8 to 2.0V
t(
∅)
Propagation Delay (static phase offset)
TCLK to EXT_FB
PCLK to EXT_FB
–50
+25
+150
+325
ps
ps
PLL locked
PLL locked
tsk(o)
Output-to-Output Skew
150
ps
DC
Output Duty Cycle
100 – 200 MHz
50 – 100 MHz
25 – 50 MHz
45
47.5
48.75
50
50
50
55
52.5
51.75
%
%
%
tr, tf
Output Rise/Fall Time
0.1
1.0
ns
0.55 to 2.4V
tPLZ, HZ
Output Disable Time
10
ns
tPZL, ZH
Output Enable Time
10
ns
BW
PLL closed loop bandwidth
÷ 2 feedback
÷ 4 feedback
÷ 8 feedback
9.0 – 20.0
3.0 – 9.5
1.2 – 2.1
MHz
MHz
MHz
–3 db point of
PLL transfer
characteristic
tJIT(CC)
Cycle-to-cycle jitter
÷ 4 feedback
Single Output Frequency Configuration
10
22
ps
RMS value
tJIT(PER)
Period Jitter
÷ 4 feedback
Single Output Frequency Configuration
8.0
15
ps
RMS value
tJIT(
∅)
I/O Phase Jitter
4.0 – 17
ps
RMS value
tLOCK
Maximum PLL Lock Time
1.0
ms
a.
AC characteristics apply for parallel output termination of 50
Ω to VTT
b.
VCMR (AC) is the crosspoint of the differential input signal. Normal AC operation is obtained when the crosspoint is within the VCMR range
and the input swing lies within the VPP (AC) specification. Violation of VCMR or VPP impacts static phase offset t(
∅).
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com