Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC9351D Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MPC9351D
Description  Low Voltage PLL Clock Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC9351D Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MPC9351D Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC9351D Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC9351D Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC9351D Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC9351D Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC9351D Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC9351D Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC9351D Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC9351D Datasheet HTML 12Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MPC9351
MOTOROLA
TIMING SOLUTIONS
10
Figure 12. Propagation delay (tPD, static phase
offset) test reference
Figure 13. Propagation delay (tPD) test reference
Figure 14. Output Duty Cycle (DC)
Figure 15. Output–to–output Skew tSK(O)
The pin–to–pin skew is defined as the worst case difference
in propagation delay between any similar delay path within a
single device
The time from the PLL controlled edge to the non controlled
edge, divided by the time between PLL controlled edges,
expressed as a percentage
VCC
VCCB2
GND
VCC
VCCB2
GND
tSK(O)
VCC
VCCB2
GND
tP
T0
DC = tP/T0 x 100%
VCC
VCCB2
GND
VCC
VCCB2
GND
t(
∅)
TCLK
Ext_FB
VCC
VCCB2
GND
t(
∅)
PCLK
Ext_FB
PCLK
VCMR
VCMR
Figure 16. Cycle–to–cycle Jitter
Figure 17. Period Jitter
The variation in cycle time of a signal between adjacent cycles, over a
random sample of adjacent cycle pairs
The deviation in cycle time of a signal with respect to the ideal period over
a random sample of cycles
TN
TJIT(CC) = |TN–TN+1|
TN+1
TJIT(P) = |TN–1/f0|
T0
tF
tR
VCC=3.3V
VCC=2.5V
2.4
1.8V
0.55
0.6V
Figure 18. I/O Jitter
Figure 19. Transition Time Test Reference
TJIT(
∅) = |T0–T1mean|
TCLK
Ext_FB
The deviation in t0 for a controlled edge with respect to a t0 mean in a
random sample of cycles
(PCLK)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com