Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF18N60DM2 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STF18N60DM2
Description  N-channel 600 V, 0.260 typ., 12 A MDmesh DM2 Power MOSFET in a TO-220FP package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF18N60DM2 Datasheet(HTML) 5 Page - STMicroelectronics

  STF18N60DM2 Datasheet HTML 1Page - STMicroelectronics STF18N60DM2 Datasheet HTML 2Page - STMicroelectronics STF18N60DM2 Datasheet HTML 3Page - STMicroelectronics STF18N60DM2 Datasheet HTML 4Page - STMicroelectronics STF18N60DM2 Datasheet HTML 5Page - STMicroelectronics STF18N60DM2 Datasheet HTML 6Page - STMicroelectronics STF18N60DM2 Datasheet HTML 7Page - STMicroelectronics STF18N60DM2 Datasheet HTML 8Page - STMicroelectronics STF18N60DM2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
2.1
Electrical characteristics (curves)
Figure 1. Safe operating area
GIPG260320151622ALS
I D
(A)
V DS (V)
10 0
10 -1
10 -2
10 -1
10 0
10 1
10 μs
T j ≤ 150 °C
T c = 25 °C
single pulse
10 1
100 μs
1 ms
10 ms
10 2
Figure 2. Thermal impedance
GC20940
10 -1
10 -2
10 -3
10 -4
10 -3
10 -2
10 -1
10 0
K
t p (s)
Figure 3. Output characteristics
GIPG290415FQ6GOCH
24
20
16
12
8
4
0
0
2
4
6
8
10
12
I D
(A)
V DS (V)
V GS = 7,8,9,10 V
V GS = 6 V
V GS = 5 V
Figure 4. Transfer characteristics
GIPG290415FQ6GTCH
24
20
16
12
8
4
0
2
3
4
5
6
7
8
I D
(A)
V GS (V)
V DS = 12 V
Figure 5. Gate charge vs gate-source voltage
GIPG250320151541ALS
0
4
8
12
16
20
VGS (V)
Q g (nC)
V DS
V DD = 480 V
I D = 12 A
12
10
8
6
4
2
0
600
500
400
300
200
100
0
VDS
(V)
Figure 6. Static drain-source on-resistance
GIPG250320151528ALS
0.275
0.270
0.265
0.260
0.255
0.250
0
2
4
6
8
10
12
R DS(on)
(Ω)
I D (A)
V GS = 10 V
STF18N60DM2
Electrical characteristics (curves)
DS10966 - Rev 5
page 5/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com