Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF18N60DM2 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STF18N60DM2
Description  N-channel 600 V, 0.260 typ., 12 A MDmesh DM2 Power MOSFET in a TO-220FP package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF18N60DM2 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STF18N60DM2 Datasheet HTML 3Page - STMicroelectronics STF18N60DM2 Datasheet HTML 4Page - STMicroelectronics STF18N60DM2 Datasheet HTML 5Page - STMicroelectronics STF18N60DM2 Datasheet HTML 6Page - STMicroelectronics STF18N60DM2 Datasheet HTML 7Page - STMicroelectronics STF18N60DM2 Datasheet HTML 8Page - STMicroelectronics STF18N60DM2 Datasheet HTML 9Page - STMicroelectronics STF18N60DM2 Datasheet HTML 10Page - STMicroelectronics STF18N60DM2 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
3
Test circuits
Figure 13. Test circuit for resistive load switching times
AM01468v1
VD
RG
RL
D.U.T.
2200
μF
VDD
3.3
μF
+
pulse width
VGS
Figure 14. Test circuit for gate charge behavior
AM01469v1
47 kΩ
1 kΩ
47 kΩ
2.7 kΩ
1 kΩ
12 V
IG= CONST
100 Ω
100 nF
D.U.T.
+
pulse width
VGS
2200
μF
VG
VDD
Figure 15. Test circuit for inductive load switching and
diode recovery times
AM01470v1
A
D
D.U.T.
S
B
G
25 Ω
A
A
B
B
RG
G
D
S
100 µH
µF
3.3
1000
µF
VDD
D.U.T.
+
_
+
fast
diode
Figure 16. Unclamped inductive load test circuit
AM01471v1
VD
ID
D.U.T.
L
VDD
+
pulse width
Vi
3.3
µF
2200
µF
Figure 17. Unclamped inductive waveform
AM01472v1
V(BR)DSS
VDD
VDD
VD
IDM
ID
Figure 18. Switching time waveform
AM01473v1
0
VGS
90%
VDS
90%
10%
90%
10%
10%
ton
td(on)
tr
0
toff
td(off)
tf
STF18N60DM2
Test circuits
DS10966 - Rev 5
page 7/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com