Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF18N65DM2 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STF18N65DM2
Description  N-channel 650 V, 231 m typ., 12 A, MDmesh DM2 Power MOSFET in a TO-220FP package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF18N65DM2 Datasheet(HTML) 5 Page - STMicroelectronics

  STF18N65DM2 Datasheet HTML 1Page - STMicroelectronics STF18N65DM2 Datasheet HTML 2Page - STMicroelectronics STF18N65DM2 Datasheet HTML 3Page - STMicroelectronics STF18N65DM2 Datasheet HTML 4Page - STMicroelectronics STF18N65DM2 Datasheet HTML 5Page - STMicroelectronics STF18N65DM2 Datasheet HTML 6Page - STMicroelectronics STF18N65DM2 Datasheet HTML 7Page - STMicroelectronics STF18N65DM2 Datasheet HTML 8Page - STMicroelectronics STF18N65DM2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
2.1
Electrical characteristics (curves)
Figure 1. Safe operating area
GADG100520211029SOA
10 1
10 0
10 -1
10 -1
10 0
10 1
10 2
ID
(A)
VDS (V)
tp=10 µs
tp=1 µs
tp=100 µs
tp=1 ms
IDM
single pulse
TC = 25 °C
TJ ≤ 150 °C
V(BR)DSS
RDS(on) max.
tp=10 ms
Figure 2. Maximum transient thermal impedance
GADG100520211030ZTH
10 0
10 -1
10 -2
10 -3
10 -6
10 -5
10 -4
10 -3
10 -2
10 -1
tp (s)
Single pulse
duty=0.5
ton
T
duty = ton / T
RthJC = 4.5 °C/W
ZthJC
(°C/W)
0.05
2
4
3
Figure 3. Typical output characteristics
GADG100520211024OCH
35
30
25
20
15
10
5
0
0
5
10
15
20
ID
(A)
VGS (V)
VGS = 5 V
VGS = 6 V
VGS = 8, 9, 10 V
VGS = 7 V
Figure 4. Typical transfer characteristics
GADG100520211027TCH
35
30
25
20
15
10
5
0
4
5
6
7
8
9
ID
(A)
VGS (V)
VDS = 20 V
Figure 5. Typical gate charge characteristics
GADG100520211027QVG
600
500
400
300
200
100
0
12
10
8
6
4
2
0
0
4
8
12
16
20
24
VDS
(V)
VGS
(V)
Qg (nC)
ID = 12 A
VDD =520 V
Figure 6. Typical drain-source on-resistance
GADG100520211021RID
245
240
235
230
225
220
0
2
4
6
8
10
12
RDS(on)
(mΩ)
ID (A)
VGS =10 V
STF18N65DM2
Electrical characteristics (curves)
DS12957 - Rev 2
page 5/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com