Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF18N65DM2 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STF18N65DM2
Description  N-channel 650 V, 231 m typ., 12 A, MDmesh DM2 Power MOSFET in a TO-220FP package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF18N65DM2 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STF18N65DM2 Datasheet HTML 4Page - STMicroelectronics STF18N65DM2 Datasheet HTML 5Page - STMicroelectronics STF18N65DM2 Datasheet HTML 6Page - STMicroelectronics STF18N65DM2 Datasheet HTML 7Page - STMicroelectronics STF18N65DM2 Datasheet HTML 8Page - STMicroelectronics STF18N65DM2 Datasheet HTML 9Page - STMicroelectronics STF18N65DM2 Datasheet HTML 10Page - STMicroelectronics STF18N65DM2 Datasheet HTML 11Page - STMicroelectronics STF18N65DM2 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Revision history
Table 9. Document revision history
Date
Version
Changes
15-Mar-2019
1
First release.
10-May-2021
2
Modified features table on cover page.
Modified Table 1. Absolute maximum ratings, Table 2. Thermal data,
Table 3. Avalanche characteristics, Table 4. Static, Table 5. Dynamic,
Table 6. Switching times and Table 7. Source-drain diode.
Added Section 2.1 Electrical characteristics (curves).
Minor text changes.
STF18N65DM2
DS12957 - Rev 2
page 10/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com