Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH12010LAH Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # PTH12010LAH
Description  12-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH12010LAH Datasheet(HTML) 4 Page - Texas Instruments

  PTH12010LAH Datasheet HTML 1Page - Texas Instruments PTH12010LAH Datasheet HTML 2Page - Texas Instruments PTH12010LAH Datasheet HTML 3Page - Texas Instruments PTH12010LAH Datasheet HTML 4Page - Texas Instruments PTH12010LAH Datasheet HTML 5Page - Texas Instruments PTH12010LAH Datasheet HTML 6Page - Texas Instruments PTH12010LAH Datasheet HTML 7Page - Texas Instruments PTH12010LAH Datasheet HTML 8Page - Texas Instruments PTH12010LAH Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
PTH12010W, PTH12010L
SLTS205E–JUNE 2003–REVISED APRIL 2006
ELECTRICAL CHARACTERISTICS (continued)
TA =25°C, Vi =12V,VO = 3.3 V, Ci = 560 µF, CO =0 µF, and IO =IO max (Unless otherwise stated)
PTH12010W
CHARACTERISTICS
CONDITIONS
MIN
TYP
MAX
UNIT
nonceramic
0(8)
330(9) 6,600(10)
Capacitance value
µF
CO
External output capacitance
ceramic
0
300
Equivalent series resistance (nonceramic)
4(11)
mΩ
Per Bellcore TR-332
MTBF
Reliability
6.4
106 Hr
50% stress, Ta =40 °C, ground benign
(8) When operating at an output voltage ≥ 3.3 V, 47-µF of external output capacitance is required for proper operation.
(9) An external output capacitor is not required for basic operation. Adding 330 µF of distributed capacitance at the load improves the
transient response.
(10) This is the calculated maximum. The minimum ESR limitation often results in a lower value. When controlling the Track pin using a
voltage supervisor, CO(max) is reduced to 3300 µF. See the application notes for further guidance.
(11) This is the typical ESR for all the electrolytic (nonceramic) ouput capacitance. Use 7 mΩ as the minimum when using max-ESR values
to calculate.
TA =25°C, Vi =12V,VO = 1.8 V, Ci = 560 µF, CO =0 µF, and IO =IOmax (Unless otherwise stated)
PTH12010L
CHARACTERISTICS
CONDITIONS
MIN
TYP
MAX
UNIT
60 °C, 200 LFM airflow
0
-
12(12)
Io
Output current
0.8 V ≤ VO≤ 1.8 V
A
25 °C, natural convection
0
12(1)
VI
Input voltage range
Over IO range
10.8
13.2
V
Vo tol
Set-point voltage tolerance
±2(13)
%Vo
∆Regtemp Temperature variation
–40 °C <TA <85 °C
±0.5
%Vo
∆Regline
Line regulation
Over Vi range
±10
mV
∆Regload
Load regulation
Over IO range
±12
mV
∆Regtot
Total output variation
Includes set-point, line, load,
±3(2)
%Vo
–40°C ≤ TA≤ 85 °C
Vadj
Output voltage adjust range
Over Vi range
0.8
1.8
V
RSET = 130 Ω,Vo =1.8 V
89
RSET =3.57kΩ,Vo =1.5
88
V
η
Efficiency
IO=8A
RSET = 12.1 kΩ,Vo =1.2
86
%
V
RSET = 32.4 kΩ,Vo =1V
84
RSET = OPEN, Vo =0.8 V
82
Vo≤ 1 V
25
mVpp
Vr
VO ripple (peak-to-peak)
20 MHz bandwidth
Vo≤ 1V
1
%VO
Io trip
Overcurrent threshold
Reset, followed by auto-recovery
20
A
1 A/µs load step, 50 to 100 % Iomax, CO = 330
µF
Transient response
ttr
Recovery Time
70
µSec
∆Vtr
VO over/undershoot
100
mV
VO adj
Margin up/down adjust
±5%
IIL margin Margin input current (pins 9 /10) Pin to GND
–8(14)
µA
(12) See SOA curves or consult factory for appropriate derating.
(13) The set-point voltage tolerance is affected by the tolerance and stability of RSET. The stated limit is unconditionally met if RSET has a
tolerance of 1%, with 100 ppm/°C (or better) temperature stability.
(14) A small, low-leakage (<100 nA) MOSFET is recommended to control this pin. The open-circuit voltage is less than 1 Vdc.
4
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com