Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH12010LAH Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # PTH12010LAH
Description  12-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH12010LAH Datasheet(HTML) 12 Page - Texas Instruments

Back Button PTH12010LAH Datasheet HTML 8Page - Texas Instruments PTH12010LAH Datasheet HTML 9Page - Texas Instruments PTH12010LAH Datasheet HTML 10Page - Texas Instruments PTH12010LAH Datasheet HTML 11Page - Texas Instruments PTH12010LAH Datasheet HTML 12Page - Texas Instruments PTH12010LAH Datasheet HTML 13Page - Texas Instruments PTH12010LAH Datasheet HTML 14Page - Texas Instruments PTH12010LAH Datasheet HTML 15Page - Texas Instruments PTH12010LAH Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
www.ti.com
ADJUSTING THE OUTPUT VOLTAGE OF THE PTH12010X SERIES OF WIDE-OUTPUT ADJUST
R= 10 k
x
SET
W
0.8 V
-R k
S
W
V- V
Omin
(1)
V
I
C
330 F
(Optional)
O
m
C
560 F
(Required)
I
m
GND
V
O
V Sense
O
R
SET
1%
0.1 W
PTH12010x
1
10
4
5
6
2
3
9
7
GND
8
NOTES
PTH12010W, PTH12010L
SLTS205E–JUNE 2003–REVISED APRIL 2006
POWER MODULES
The VO Adjust control (pin 4) sets the output voltage of the PTH12010 product. The adjustment range is from 1.2
V to 5.5 V for the W-suffix modules, and 0.8 V to 1.8 V for L-suffix modules. The adjustment method requires the
addition of a single external resistor, RSET, that must be connected directly between the VO Adjust and GND
pins.Table 2 gives the preferred value of the external resistor for a number of standard voltages, along with the
actual output voltage that this resistance value provides. Figure 11 shows the placement of the required resistor.
Table 2. Preferred Values of Rset for Standard Output Voltages
PTH12010W
PTH12010L
VO (Required)
RSET
VO (Actual)
RSET
VO(Actual)
5 V
280 Ω
5.009 V
N/A
N/A
3.3 V
2.0 kΩ
3.294 V
N/A
N/A
2.5 V
4.32 kΩ
2.503 V
N/A
N/A
2 V
8.06 kΩ
2.010 V
N/A
N/A
1.8 V
11.5 kΩ
1.081 V
130 Ω
1.800 V
1.5 V
24.3 kΩ
1.506 V
3.57 kΩ
1.499 V
1.2 V
Open
1.200 V
12.1 kΩ
1.201 V
1.1 V
N/A
N/A
18.7 kΩ
1.101 V
1.0 V
N/A
N/A
32.4 kΩ
0.999 V
0.9 V
N/A
N/A
71.5 kΩ
0.901 V
0.8 V
N/A
N/A
Open
0.800 V
For other output voltages, the value of the required resistor can either be calculated, or simply selected from the
range of values given in Table 4. The following formula may be used for calculating the adjust resistor value.
Select the appropriate value for the parameters, RS and Vmin, from Table 3.
Table 3. Adjust Formula Parameters
PT. NO.
PTH12010W
PTH12010L
Vmin
1.2 V
0.8 V
Vmax
5.5 V
1.8 V
RS
1.82 kΩ
7.87 kΩ
Figure 11. Vo Adjust Resistor Placement
1. A 0.05 W rated resistor may be used. The tolerance should be 1%, with temperature stability of 100 ppm/°C
(or better). Place the resistor as close to the regulator as possible. Connect the resistor directly between
12
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com