Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH12010LAST Datasheet(PDF) 16 Page - Texas Instruments

Part # PTH12010LAST
Description  12-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH12010LAST Datasheet(HTML) 16 Page - Texas Instruments

Back Button PTH12010LAST Datasheet HTML 12Page - Texas Instruments PTH12010LAST Datasheet HTML 13Page - Texas Instruments PTH12010LAST Datasheet HTML 14Page - Texas Instruments PTH12010LAST Datasheet HTML 15Page - Texas Instruments PTH12010LAST Datasheet HTML 16Page - Texas Instruments PTH12010LAST Datasheet HTML 17Page - Texas Instruments PTH12010LAST Datasheet HTML 18Page - Texas Instruments PTH12010LAST Datasheet HTML 19Page - Texas Instruments PTH12010LAST Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
www.ti.com
OUTPUT ON/OFF INHIBIT
PTH12060W
V
I
1
10
4
5
6
2
3
C
330 F
O
m
C
560 F
I
m
1 = Inhibit
GND
V
O
V Sense
O
9
8
Q1
BSS138
R
2k
1%
0.1 W
SET
W
7
GND
L
O
A
D
VO (2 V/div)
Q1VDS (5 V/div)
II (2 V/div)
t − Time − 10 ms/div
PTH12010W, PTH12010L
SLTS205E–JUNE 2003–REVISED APRIL 2006
Inhibit for applications requiring output voltage on/off control, each series of the PTH family incorporates an
output Inhibit control pin. The inhibit feature can be used wherever there is a requirement for the output voltage
from the regulator to be turned off.
The power modules function normally when the Inhibit pin is left open-circuit, providing a regulated output
whenever a valid source voltage is connected to VI with respect to GND.
Figure 14 shows the typical application of the inhibit function. Note the discrete transistor (Q1). The Inhibit input
has its own internal pull-up to a potential of 5 V to 13.2 V (see footnotes to specification table). The input is not
compatible with TTL logic devices. An open-collector (or open-drain) discrete transistor is recommended for
control.
Figure 14. Inhibit Control Circuit
Turning Q1 on applies a low voltage to the Inhibit control pin and disables the output of the module. If Q1 is then
turned off, the module executes a soft-start power-up sequence. A regulated output voltage is produced within
25 ms Figure 15 shows the typical rise in both the output voltage and input current, following the turn-off of Q1.
The turn off of Q1 corresponds to the rise in the waveform, Q1 Vds. The waveforms were measured with a 5-A
constant current load.
Figure 15. Power-Up from Inhibit Control
16
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com