Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH12010LAST Datasheet(PDF) 2 Page - Texas Instruments

Part # PTH12010LAST
Description  12-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH12010LAST Datasheet(HTML) 2 Page - Texas Instruments

  PTH12010LAST Datasheet HTML 1Page - Texas Instruments PTH12010LAST Datasheet HTML 2Page - Texas Instruments PTH12010LAST Datasheet HTML 3Page - Texas Instruments PTH12010LAST Datasheet HTML 4Page - Texas Instruments PTH12010LAST Datasheet HTML 5Page - Texas Instruments PTH12010LAST Datasheet HTML 6Page - Texas Instruments PTH12010LAST Datasheet HTML 7Page - Texas Instruments PTH12010LAST Datasheet HTML 8Page - Texas Instruments PTH12010LAST Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
www.ti.com
PTH12010x
(Top View)
1
2
10
7
6
5
4
3
Margin Up
Margin Down
VI
L
O
A
D
C
560 F
(Required)
I
m
R
,1%
(Required)
SET
C
330 F
(Optional)
O
m
Inhibit
GND
GND
VO
VOSense
Track
98
ABSOLUTE MAXIMUM RATINGS
PTH12010W, PTH12010L
SLTS205E–JUNE 2003–REVISED APRIL 2006
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
STANDARD APPLICATION
A.RSET = Required to set the output voltage to a value higher than the lowest value (see the electrical characteristics table
for values).
ORDERING INFORMATION
For the most current package and ordering information, see the Package Option Addendum at the end of this datasheet, or see
the TI website at www.ti.com.
Voltages are with respect to GND
MIN TYP
MAX UNIT
Vtrack
Track Input Voltage
–0.3
VI +0.3
V
TA
Operating Temperature
Over Vin Range
–40 (1)
85
°C
Range
Twave
Wave solder
Surface temperature of module body or pins
PTH12010WAH
260 (2)
temperature
(5 seconds)
°C
PTH12010WAS
235 (2)
Solder reflow
Treflow
Surface temperature of module body or pins
temperature
PTH12010WAZ
260 (2)
Tstg
Storage Temperature
–40
125
°C
Mechanical Shock
Per Mil-STD-883D, Method 2002.3, 1 msec, 1/2 Sine, mounted
500
G
Mechanical Vibration
Mil-STD-883D, Method 2007.2
20
G
20-2000 Hz
Weight
5
grams
Flammability
Meets UL 94V-O
(1) For operation below 0°C the external capacitors must have stable characteristics. Use either a low-ESR tantalum, Os-Con, or ceramic
capacitor.
(2) During soldering of package version, do not elevate peak temperature of the module, pins or internal components above the stated
maximum.
2
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com