Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXGD3003E6Q Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZXGD3003E6Q
Description  40V 5A GATE DRIVER IN SOT26
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXGD3003E6Q Datasheet(HTML) 4 Page - Diodes Incorporated

  ZXGD3003E6Q Datasheet HTML 1Page - Diodes Incorporated ZXGD3003E6Q Datasheet HTML 2Page - Diodes Incorporated ZXGD3003E6Q Datasheet HTML 3Page - Diodes Incorporated ZXGD3003E6Q Datasheet HTML 4Page - Diodes Incorporated ZXGD3003E6Q Datasheet HTML 5Page - Diodes Incorporated ZXGD3003E6Q Datasheet HTML 6Page - Diodes Incorporated ZXGD3003E6Q Datasheet HTML 7Page - Diodes Incorporated ZXGD3003E6Q Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ZXGD3003E6Q
Document Number DS40797 Rev. 2 - 2
4 of 8
www.diodes.com
February 2020
© Diodes Incorporated
ZXGD3003E6Q
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Output Voltage, High
VOUT(hi)
—
VIN1 - 0.4
—
V
Isource = 1µA
Output Voltage, Low
VOUT(low)
—
VIN1 + 0.4
—
Isink = 1µA
Source Output Leakage Current
IL(source)
—
—
1
µA
VCC = 40V,
VIN1 = VIN2 = 0V
Sink Output Leakage Current
IL(sink)
—
—
1
µA
VCC = 40V,
VIN1 = VIN2 = VCC
Quiescent Supply Current
IQ
—
—
20
nA
VCC = 32V,
VIN1 = VIN2 = 0V
Peak Pulsed Source Output Current
I(source)M
1
1.6
—
A
IIN1 + IIN2 = 10mA
Peak Pulsed Sink Output Current
I(sink)M
1
1.4
—
A
IIN1 + IIN2 = -10mA
Peak Pulsed Source Output Current
I(source)M
—
5
—
A
IIN1 + IIN2 = 500mA
Peak Pulsed Sink Output Current
I(sink)M
—
5
—
A
IIN1 + IIN2 = -500mA
Gate Driver Switching Times
td(rise)
tr
td(fall)
tf
—
1.8
8.9
1.7
8.9
—
ns
VCC = 12V, VEE = 0V,
VIN = 0 to 10V,
CL = 1nF, RL = 1Ω,
RIN = 25Ω
Gate Driver Switching Times
td(rise)
tr
td(fall)
tf
—
4
77
4
85
—
ns
VCC = 12V, VEE = 0V,
VIN = 0 to 10V,
CL = 1nF, RL = 1Ω,
RIN = 1kΩ
Switching Test Circuit and Timing Diagram
ZXGD3003E6Q
VCC
VEE



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com