Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXGD3003E6Q Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXGD3003E6Q
Description  40V 5A GATE DRIVER IN SOT26
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXGD3003E6Q Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXGD3003E6Q Datasheet HTML 1Page - Diodes Incorporated ZXGD3003E6Q Datasheet HTML 2Page - Diodes Incorporated ZXGD3003E6Q Datasheet HTML 3Page - Diodes Incorporated ZXGD3003E6Q Datasheet HTML 4Page - Diodes Incorporated ZXGD3003E6Q Datasheet HTML 5Page - Diodes Incorporated ZXGD3003E6Q Datasheet HTML 6Page - Diodes Incorporated ZXGD3003E6Q Datasheet HTML 7Page - Diodes Incorporated ZXGD3003E6Q Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
ZXGD3003E6Q
Document Number DS40797 Rev. 2 - 2
1 of 8
www.diodes.com
February 2020
© Diodes Incorporated
ZXGD3003E6Q
40V 5A GATE DRIVER IN SOT26
Description
The ZXGD3003E6Q is a high-speed, non-inverting single gate driver
designed for switching MOSFETs or IGBTS. It can transfer up to 5A
peak source/source current into the gate for effective charging and
discharging of the capacitive gate load.
This gate driver ensures rapid switching of the MOSFET to minimize
power losses and distortion in high current switching applications. It
can typically drive 1.5A into the low gate impedance with just 10mA
input from a controller. The turn-on and turn-off switching behaviour of
the MOSFET can be individually tailored to suit an application. By
defining the switching characteristics appropriately, EMI and cross
conduction can be reduced.
Applications
Gate Driving Power MOSFET and IGBTs in:
AC-DC Power Supplies (SMPS)
DC-DC Converters
DC-AC Inverters (i.e. Solar)
1, 2 and 3-Phase Motor Control Circuits
Amplifier Output Stages
Features
High-Gain Buffer with Typically 1.5A Output from 10mA Input
5 Amps Peak Output Current
40V Supply for +20V to -18V Gate Driving to Prevent dV/dt
Induced False Triggering and Minimize On-Losses
Emitter-Follower that is Rugged to Latch-Up/Shoot-Though
Fast Switching Emitter-Follower Configuration:
2ns Propagation Delay Time
9ns Rise/Fall Time, 1000pF Load
Optimized Pin-Out to Simplify PCB Layout and Reduce
Parasitic Trace Inductances
Near-Zero Quiescent Supply Current
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free.
“Green” Device (Note 3)
The ZXGD3003E6Q is suitable for automotive applications
requiring specific change control; this part is AEC-Q101
qualified, PPAP capable, and manufactured in IATF 16949
certified facilities.
https://www.diodes.com/quality/product-definitions/
Mechanical Data
Case: SOT26
Case Material: Molded Plastic
. “Green” Molding Compound;
UL Flammability Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish - Matte Tin Plated Leads, Solderable per
MIL-STD-202, Method 208
Weight: 0.018 grams (Approximate)
Ordering Information (Note 4)
Product
Compliance
Marking
Reel Size (inches)
Tape Width (mm)
Quantity per Reel
ZXGD3003E6QTA
Automotive
3003
7
8
3,000
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-
free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at https://www.diodes.com/design/support/packaging/diodes-packaging/.
Pin Name
Pin Function
VCC
Supply Voltage High
IN1 & IN2
Driver Input *
VEE
Supply Voltage Low
SOURCE
Source Current Output **
SINK
Sink Current Output **
* Typically connect IN1 & IN2 together
** Typically connect SOURCE & SINK
together
Top View
Pin-Out
Top View
SOT26


Similar Part No. - ZXGD3003E6Q

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXGD3003E6 ZETEX-ZXGD3003E6 Datasheet
382Kb / 8P
5A(peak) gate driver
logo
Diodes Incorporated
ZXGD3003E6 DIODES-ZXGD3003E6 Datasheet
395Kb / 8P
5A(peak) gate driver in SOT23-6
OCTOBER 2007
logo
Zetex Semiconductors
ZXGD3003E6TA ZETEX-ZXGD3003E6TA Datasheet
382Kb / 8P
5A(peak) gate driver
logo
Diodes Incorporated
ZXGD3003E6TA DIODES-ZXGD3003E6TA Datasheet
395Kb / 8P
5A(peak) gate driver in SOT23-6
OCTOBER 2007
ZXGD3003E6 DIODES-ZXGD3003E6_15 Datasheet
395Kb / 8P
5A(peak) gate driver in SOT23-6
OCTOBER 2007
More results

Similar Description - ZXGD3003E6Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXGD3005E6 DIODES-ZXGD3005E6 Datasheet
140Kb / 7P
10A (PEAK) GATE DRIVER IN SOT26
DS35095 Rev. 1 ??2
ZXGD3005E6 DIODES-ZXGD3005E6_11 Datasheet
189Kb / 8P
25V 10A GATE DRIVER IN SOT26
Rev 4
ZXGD3006E6 DIODES-ZXGD3006E6 Datasheet
168Kb / 8P
40V 10A GATE DRIVER IN SOT26
Rev 1
ZXGD3005E6 DIODES-ZXGD3005E6_15 Datasheet
189Kb / 8P
25V 10A GATE DRIVER IN SOT26
Rev 4
ZXGD3009E6 DIODES-ZXGD3009E6_15 Datasheet
251Kb / 8P
40V 2A GATE DRIVER IN SOT26
Rev 1
ZXGD3006E6 DIODES-ZXGD3006E6_15 Datasheet
270Kb / 8P
40V 10A GATE DRIVER IN SOT26
Rev 4
ZXGD3009DY DIODES-ZXGD3009DY Datasheet
607Kb / 8P
40V 1A GATE DRIVER IN SOT363
April 2018
ZXGD3009E6 DIODES-ZXGD3009E6 Datasheet
435Kb / 8P
40V 1A GATE DRIVER IN SOT26
July 2018
ZXGD3004E6Q DIODES-ZXGD3004E6Q Datasheet
601Kb / 8P
40V 8A GATE DRIVER IN SOT26
March 2018
ZXGD3006E6Q DIODES-ZXGD3006E6Q Datasheet
768Kb / 9P
40V 10A GATE DRIVER IN SOT26
March 2018
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com