Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC385 Datasheet(PDF) 1 Page - Picker Components

Part # PC385
Description  Slimline Power PCB Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC385 Datasheet(HTML) 1 Page - Picker Components

  PC385 Datasheet HTML 1Page - Picker Components PC385 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Slimline Power PCB Relay
FEATURES
10 Amp continous contact capacity
1 Form A & 1 form C contact forms
TV 5 Rated
Slimline design
Sensitive version available
Impulse surge withstand of 10,000 V
PC385
Load Type
10 Amps @ 250 VAC/30 VDC
Form 1A
UL/CUR RATINGS
CHARACTERISTICS
Operate Time
10 ms. Max.
Release Time
Insulation Resistance
5 ms. Max.
1000 megohms min, at 500VDC, 50%RH
Dielectric Strength
4000 Vrms, 1 min. between coil and contacts
Shock Resistance
10 g, 11ms, functional; 100 g, destructive
Vibration Resistance
DA 1.6 mm, 10 - 55 Hz
Power Consumption
.25W & .53W
Ambient Temperature Range
-40 to 70 C operating for class B, -40 to 130 C storage
Weight
12 grams approx.
Sales: Call Toll Free (888)997-3933 Fax (818) 342-5296 email: pickerwest@sbcglobal.net URL: pickercomponents.com
3220 Commander Drive, Suite 102, Carrollton, Texas 75006
PC385 Rev B 4-6-04
PAGE 1
ORDERING INFORMATION
Example:
PC385
Model
-1C
Sealed, immersion cleanable
Contact Form
1A, 1C
-12
CONTACT DATA
Material
Initial Contact Resistance
Service Life
Mechanical
Electrical
AgSnO
100 milliohms max @ 0.1A, 6VDC
1 X 107
1 X 105
Operations
Operations
Enclosure
S: Sealed; C: Flux Free
Coil Voltage
Coil Sensitivity
Nil: Standard, 530MW, H: Sensitive, 250 MW
-H
S
5 Amps @ 250 VAC/30 VDC
1000 Vrms, 1 min. between open contacts
General Use
100 A inrush (0.3-0.35 ms) 3 A Steady state @ 125 VAC NO only "TV-5"
Form 1C
10 Amps @ 250 VAC/30 VDC
5 Amps @ 250 VAC/30 VDC
High Capacity
File # E86876
SPST NO
SPDT
AgCdO (Silver Cadmium Oxide)
2
(Silver Tin Oxide)
Capacitive (TV) Load
Max. Switching Capacity 1,250 VA, 150 W


Similar Part No. - PC385

ManufacturerPart #DatasheetDescription
logo
FIBOX Enclosing innovat...
PC382813T-2FSH FIBOX-PC382813T-2FSH Datasheet
451Kb / 2P
Enclosure, PC
11.01.2023
logo
Picker Components
PC384 PICKER-PC384 Datasheet
174Kb / 2P
10 Amp Minature PCB Power Relay
PC3841A-12C PICKER-PC3841A-12C Datasheet
174Kb / 2P
10 Amp Minature PCB Power Relay
PC3841A-12S PICKER-PC3841A-12S Datasheet
174Kb / 2P
10 Amp Minature PCB Power Relay
PC3841C-12C PICKER-PC3841C-12C Datasheet
174Kb / 2P
10 Amp Minature PCB Power Relay
More results

Similar Description - PC385

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RT2 MACOM-RT2 Datasheet
246Kb / 3P
Power PCB Relay
42900 MACOM-42900 Datasheet
271Kb / 3P
Power PCB Relay
PCN MACOM-PCN_09 Datasheet
192Kb / 2P
Slimline PCB Relay PCN
SNR MACOM-SNR_09 Datasheet
242Kb / 3P
Slimline PCB Relay SNR
2-1393236-1 MACOM-2-1393236-1 Datasheet
444Kb / 3P
Slimline PCB Relay SNR
2-1393236-2 MACOM-2-1393236-2 Datasheet
444Kb / 3P
Slimline PCB Relay SNR
2-1393236-4 MACOM-2-1393236-4 Datasheet
444Kb / 3P
Slimline PCB Relay SNR
2-1393236-5 MACOM-2-1393236-5 Datasheet
444Kb / 3P
Slimline PCB Relay SNR
V23092 MACOM-V23092 Datasheet
475Kb / 3P
Slimline PCB Relay SNR
V23092-A1905-A301 MACOM-V23092-A1905-A301 Datasheet
351Kb / 3P
Slimline PCB Relay SNR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com