Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC385 Datasheet(PDF) 2 Page - Picker Components

Part # PC385
Description  Slimline Power PCB Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC385 Datasheet(HTML) 2 Page - Picker Components

  PC385 Datasheet HTML 1Page - Picker Components PC385 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PC385
PC385
COIL DATA
Coil Voltage
6
9
12
48
Resistance ohms
Must Operate
Voltage Max.
(VDC)
Must Release
Voltage Min.
(VDC)
68
155
270
620
1080
4400
4.50
6.75
9.00
13.5
18.0
36.0
0.30
0.45
0.60
0.90
1.20
2.40
Sales: Call Toll Free (888) 997-3933 Fax (818) 342-5296 email: pickerwest@sbcglobal.net URL: pickercomponents.com
3220 Commander Drive, Suite 102, Carrollton, Texas 75006
PAGE 2
Dimensions in Inches (millimeters)
Side View
End View
18
24
+ 10%
Standard Coil
Sensitive Coil
145
325
575
1300
2310
9210
0.53 W
0.25 W
5
47
100
3.75
0.25
Bottom View
PC Board Layout
Wiring Diagram
Tolerances + .010 unless otherwise noted
Notes:
Contact Form C shown
On Contact Forms A Unused Pin is Omitted
(10.5)
.413
(24.5)
.965
(25.0)
.984
(4.0)
.016
(7.5)
.295
(16.5)
.650
(3.5)
.138
(3.5)
.138
.051 (1.3) Dia.
5 Places



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com