Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7009-2ACEZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADPA7009-2ACEZ-R7
Description  20 GHz to 54 GHz, GaAs, pHEMT, MMIC, 29 dBm (0.5 W) Power Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7009-2ACEZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADPA7009-2ACEZ-R7 Datasheet HTML 2Page - Analog Devices ADPA7009-2ACEZ-R7 Datasheet HTML 3Page - Analog Devices ADPA7009-2ACEZ-R7 Datasheet HTML 4Page - Analog Devices ADPA7009-2ACEZ-R7 Datasheet HTML 5Page - Analog Devices ADPA7009-2ACEZ-R7 Datasheet HTML 6Page - Analog Devices ADPA7009-2ACEZ-R7 Datasheet HTML 7Page - Analog Devices ADPA7009-2ACEZ-R7 Datasheet HTML 8Page - Analog Devices ADPA7009-2ACEZ-R7 Datasheet HTML 9Page - Analog Devices ADPA7009-2ACEZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Data Sheet
ADPA7009-2
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. 0 | 6 of 24
Figure 2. Pin Configuration
Table 7. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 2, 3, 5, 6, 7, 9, 10, 12, 14, 16, 17, 19, 21, 22, 24
GND
Ground. Connect to a ground plane that has low electrical and thermal
impedance. See Figure 3 for the interface schematic.
4
RFIN
RF Signal Input. The RFIN pin is AC-coupled and matched to 50 Ω. See
Figure 4 for the interface schematic.
8, 23
VGG1, VGG2
Negative Gate Bias Control. The gate voltage must be applied to VGGx.
Adjust the negative voltage on the VGGx pin to set the IDQ to the desired
level. See Figure 5 for the interface schematic.
11, 20
VDD1, VDD2
Drain Biases for the Amplifier. See Figure 6 for the interface schematic.
13
VDET
Detector Diode Used for Measuring the RF Output Power. Detection by
the VDET pin requires the application of a DC bias voltage through an
external series resistor. Used in combination with VREF, the difference
detector voltage, VREF − VDET, is a temperature-compensated DC voltage
proportional to the RF output power. See Figure 7 for the interface
schematic.
15
RFOUT
RF Signal Output. The RFOUT pin is AC-coupled and matched to 50 Ω. See
Figure 9 for the interface schematic.
18
VREF
Reference Diode Voltage. Use the VREF pin for temperature compensation
of the VDET RF output power measurements. Used in combination with
VDET, this voltage provides temperature compensation to the VDET RF
output power measurements. See Figure 8 for the interface schematic.
EPAD
Exposed Pad. The exposed pad must be connected to the RF and dc
ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com