Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7009-2ACEZ-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # ADPA7009-2ACEZ-R7
Description  20 GHz to 54 GHz, GaAs, pHEMT, MMIC, 29 dBm (0.5 W) Power Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7009-2ACEZ-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADPA7009-2ACEZ-R7 Datasheet HTML 16Page - Analog Devices ADPA7009-2ACEZ-R7 Datasheet HTML 17Page - Analog Devices ADPA7009-2ACEZ-R7 Datasheet HTML 18Page - Analog Devices ADPA7009-2ACEZ-R7 Datasheet HTML 19Page - Analog Devices ADPA7009-2ACEZ-R7 Datasheet HTML 20Page - Analog Devices ADPA7009-2ACEZ-R7 Datasheet HTML 21Page - Analog Devices ADPA7009-2ACEZ-R7 Datasheet HTML 22Page - Analog Devices ADPA7009-2ACEZ-R7 Datasheet HTML 23Page - Analog Devices ADPA7009-2ACEZ-R7 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
Data Sheet
ADPA7009-2
BIASING THE ADPA7009-2 WITH THE HMC980LP4E
analog.com
Rev. 0 | 22 of 24
After the HMC980LP4E bias control circuit is set up, toggle the bias
to the ADPA7009-2 on or off by applying 3.3 V or 0 V, respectively,
to the EN pin. At EN = +3.3 V, VGATE drops to −1.5 V, and
VDRAIN turns on at +5 V. VGATE then rises until IDRAIN = 950 mA,
and the closed control loop regulates IDRAIN at 950 mA. When EN =
0 V, VGATE is set to −1.5 V, and VDRAIN is set to 0 V.
CONSTANT DRAIN CURRENT BIASING VS.
CONSTANT GATE VOLTAGE BIASING
The HMC980LP4E uses closed-loop feedback to continuously ad-
just VGATE to maintain a constant drain current bias over DC
supply variation, temperature, and device-to-device variation. In
addition, constant drain current bias is the optimum method for re-
ducing time in calibration procedures and for maintaining consistent
performance over time. Comparing the constant drain current bias
with a constant gate voltage bias where the current is driven to
increase when RF power is applied, a slightly lower OP1dB is seen
with a constant drain current bias. This OP1dB is shown in Figure
78, where the RF performance is slightly lower than the constant
gate voltage bias operation due to a lower drain current at the high
input powers as the device reaches 1 dB compression.
To increase the OP1dB performance for the constant drain current
bias toward the constant gate voltage bias performance, increase
the setpoint current, bringing it closer to the maximum IDD current,
as shown in Figure 78. The limit of increasing IDQ under the
constant drain current operation is set by the thermal limitations
found in Table 4 with the maximum power-dissipation specification.
As the IDD increase continues, the actual OP1dB does not continue
to increase indefinitely, and the power dissipation increases. There-
fore, when using constant drain current biasing, take the trade-off
between the power dissipation and the output P1dB performance
into consideration.
CONSTANT IDD OPERATION
TCASE = 25°C, VDD = 5 V, and IDD = 950 mA for nominal operation,
unless otherwise noted. Figure 71 to Figure 78 are biased with
the HMC980LP4E active bias controller. See the Biasing the AD-
PA7009-2 with the HMC980LP4E section for biasing details.
Figure 71. OP1dB vs. Frequency for Various Temperatures, VDD = 5 V, Data
Measured with Constant IDD = 950 mA
Figure 72. OP1dB vs. Frequency for Various IDQ Values, VDD = 5 V, Data
Measured with Constant IDD = 950 mA
Figure 73. IDD vs. PIN, VDD = 5 V, Frequency = 36 GHz, Constant Drain Current
(IDRAIN Setpoint = 950 mA) and Constant Gate Voltage (IDQ = 850 mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com