Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYWUSB6935 Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # CYWUSB6935
Description  WirelessUSB LRTM 2.4-GHz DSSS Radio SoC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYWUSB6935 Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button CYWUSB6935 Datasheet HTML 9Page - Cypress Semiconductor CYWUSB6935 Datasheet HTML 10Page - Cypress Semiconductor CYWUSB6935 Datasheet HTML 11Page - Cypress Semiconductor CYWUSB6935 Datasheet HTML 12Page - Cypress Semiconductor CYWUSB6935 Datasheet HTML 13Page - Cypress Semiconductor CYWUSB6935 Datasheet HTML 14Page - Cypress Semiconductor CYWUSB6935 Datasheet HTML 15Page - Cypress Semiconductor CYWUSB6935 Datasheet HTML 16Page - Cypress Semiconductor CYWUSB6935 Datasheet HTML 17Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
CYWUSB6935
Document #: 38-16008 Rev. *C
Page 13 of 33
Addr: 0x09
REG_RX_DATA_A
Default: 0x00
7
654
3210
Data
Figure 7-8. Receive SERDES Data A
Bit
Name Description
7:0
Data
Received Data for Channel A. The over-the-air received order is bit 0 followed by bit 1, followed by bit 2, followed by bit 3,
followed by bit 4, followed by bit 5, followed by bit 6, followed by bit 7. This register is read-only.
Addr: 0x0A
REG_RX_VALID_A
Default: 0x00
7
654
3210
Valid
Figure 7-9. Receive SERDES Valid A
Bit Name
Description
7:0 Valid
These bits indicate which of the bits in the Receive SERDES Data A register (Reg 0x09) are valid. A “1” indicates that the
corresponding data bit is valid for Channel A.
If the Valid Data bit is set in the Receive Interrupt Status register (Reg 0x08) all eight bits in the Receive SERDES Data A
register (Reg 0x09) are valid. Therefore, it is not necessary to read the Receive SERDES Valid A register (Reg 0x0A). This
register is read-only.
Addr: 0x0B
REG_RX_DATA_B
Default: 0x00
7
654
3210
Data
Figure 7-10. Receive SERDES Data B
Bit
Name
Description
7:0
Data
Received Data for Channel B. The over-the-air received order is bit 0 followed by bit 1, followed by bit 2, followed by bit 3,
followed by bit 4, followed by bit 5, followed by bit 6, followed by bit 7. This register is read-only.
Addr: 0x0C
REG_RX_VALID_B
Default: 0x00
7
654
3210
Valid
Figure 7-11. Receive SERDES Valid B
Bit
Name Description
7:0
Valid
These bits indicate which of the bits in the Receive SERDES Data B register (Reg 0x0B) are valid. A “1” indicates that the
corresponding data bit is valid for Channel B.
If the Valid Data bit is set in the Receive Interrupt Status register (0x08) all eight bits in the Receive SERDES Data B register
(Reg 0x0B) are valid. Therefore, it is not necessary to read the Receive SERDES Valid B register (Reg 0x0C). This register
is read-only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com