Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYWUSB6935 Datasheet(PDF) 21 Page - Cypress Semiconductor

Part # CYWUSB6935
Description  WirelessUSB LRTM 2.4-GHz DSSS Radio SoC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYWUSB6935 Datasheet(HTML) 21 Page - Cypress Semiconductor

Back Button CYWUSB6935 Datasheet HTML 17Page - Cypress Semiconductor CYWUSB6935 Datasheet HTML 18Page - Cypress Semiconductor CYWUSB6935 Datasheet HTML 19Page - Cypress Semiconductor CYWUSB6935 Datasheet HTML 20Page - Cypress Semiconductor CYWUSB6935 Datasheet HTML 21Page - Cypress Semiconductor CYWUSB6935 Datasheet HTML 22Page - Cypress Semiconductor CYWUSB6935 Datasheet HTML 23Page - Cypress Semiconductor CYWUSB6935 Datasheet HTML 24Page - Cypress Semiconductor CYWUSB6935 Datasheet HTML 25Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
CYWUSB6935
Document #: 38-16008 Rev. *C
Page 21 of 33
Addr: 0x38
REG_SYN_LOCK_CNT
Default: 0x64
7
654
3210
Count
Figure 7-31. Synthesizer Lock Count
Bit
Name Description
7:0
Count Determines the length of delay in 2-µs increments for the synthesizer to lock when auto synthesizer is enabled via Control
register (0x03, bit 1=0) and not using the PLL lock signal. The default register setting is typically sufficient.
Addr: 0x3C-3F
REG_MID
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
987654
3210
Address 0x3F
Address 0x3E
Address 0x3D
Address 0x3C
Figure 7-32. Manufacturing ID
Bit
Name
Description
31:30 Address[31:30] These bits are read back as zeroes.
29:0
Address[29:0]
These bits are the Manufacturing ID (MID) for each IC. The contents of these bits cannot be read unless the MID
Read Enable bit (bit 5) is set in the Analog Control register (Reg 0x20). Enabling the Manufacturing ID register (Reg
0x3C-0x3F) consumes power. The MID Read Enable bit in the Analog Control register (Reg 0x20, bit 5) should only
be set when reading the contents of the Manufacturing ID register (Reg 0x3C-0x3F). This register is read-only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com