Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24232103 Datasheet(PDF) 11 Page - Toshiba Semiconductor

Part # 24232103
Description  COLOR TELEVISION N0NSP Chassis
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

24232103 Datasheet(HTML) 11 Page - Toshiba Semiconductor

Back Button 24232103 Datasheet HTML 7Page - Toshiba Semiconductor 24232103 Datasheet HTML 8Page - Toshiba Semiconductor 24232103 Datasheet HTML 9Page - Toshiba Semiconductor 24232103 Datasheet HTML 10Page - Toshiba Semiconductor 24232103 Datasheet HTML 11Page - Toshiba Semiconductor 24232103 Datasheet HTML 12Page - Toshiba Semiconductor 24232103 Datasheet HTML 13Page - Toshiba Semiconductor 24232103 Datasheet HTML 14Page - Toshiba Semiconductor 24232103 Datasheet HTML 15Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 50 page
background image
– 11 –
ITEM
ADJUSTMENT PROCEDURE
Vertical retrace line
SUB-BRIGHTNESS
(BRTC)
1. Constrict the picture height until the
vertical retrace line appears adjusting
the HEIGHT control on the MAIN board.
2. Adjust the CONTRAST to the minimum
and BRIGHTNESS to the center.
3. Enter the service mode, then select
“BRTC” register.
4. Adjust the data value so the belt of
vertical retrace line just disappear.
5. Adjust the HEIGHT control.
* Adjust the SUB-BRIGHTENESS after
adjusting the WHITE BALANCE.
SUB-COLOR
(SCOL)
SUB-TINT
(TNTC)
1. Receive color-bar signal from color-bar generator.
2. Adjust the BRIGHTNESS and CONTRAST to the center (RESET status).
3. Connect oscilloscope to TP501on the MAIN board.
4. Enter the service mode, then select “SCOL”.
5. Temporarily adjust the data value to
achieve about 1V0-p of blue bar.
6. Select “TNTC” register.
7. Adjust the data value to obtain the blue
bar to magenta bar ratio of 3:2 as
shown.
8. Select “SCOL” register.
9. Adjust the data value to achieve 1.8V
0-p
of blue bar on scope.
10. Check the picture with off-air signal.
0
Blue
Magenta
2
3 (1.8V0-P)
SUB-CONTRAST
(SCNT)
1. Tune in a color program and adjust the BRIGHTNESS and CONTRAST to
normal mode(RESET).
2. Enter the service mode, then select "SCNT" register.
3. Change "SCNT" data to13H.
4. Check the picture contrast.
ELECTRICAL ADJUSTMENT
PICTURE POSITION
1. Receive the pattern signal which shows it's center
on the screen.
2. Adjust the picture position alternately by turning
CENTERING MAGNETS for proper picture position.
3. Check the picture with off-air signal.
VERTICAL POSITION (VCEN)
1. Call up the adjustment mode display, then select item VCEN.
2. Press the VOLUME s or t button to get the voltage +30 ±10 mV.
3. Measuring method of voltage as follows.
TP-V
TP-G
C
(on SIGNAL board)
(on SIGNAL board)
DIGITAL
VOLT METER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com