Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24232103 Datasheet(PDF) 17 Page - Toshiba Semiconductor

Part # 24232103
Description  COLOR TELEVISION N0NSP Chassis
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

24232103 Datasheet(HTML) 17 Page - Toshiba Semiconductor

Back Button 24232103 Datasheet HTML 13Page - Toshiba Semiconductor 24232103 Datasheet HTML 14Page - Toshiba Semiconductor 24232103 Datasheet HTML 15Page - Toshiba Semiconductor 24232103 Datasheet HTML 16Page - Toshiba Semiconductor 24232103 Datasheet HTML 17Page - Toshiba Semiconductor 24232103 Datasheet HTML 18Page - Toshiba Semiconductor 24232103 Datasheet HTML 19Page - Toshiba Semiconductor 24232103 Datasheet HTML 20Page - Toshiba Semiconductor 24232103 Datasheet HTML 21Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 50 page
background image
– 17 –
SETTING & ADJUSTING DATA
43", 50", 55", 61"
HIGH VOLTAGE AT ZERO BEAM:
(A)
31.3 kV
MAX HIGH VOLTAGE:
(B)
32.4 kV
Table-1
CHAPTER 2 SPECIFIC INFORMATIONS
SAFETY INSTRUCTIONS
SERVICE MODE
ADJUSTING ITEMS AND DATA IN THE SERVICE MODE:
Item
Name of adjustment
R CUTOFF
G CUTOFF
B CUTOFF
G DRIVE
B DRIVE
SUB CONT MAX
SUB-BRIGHT
SUB-COLOR
SUB-TINT
SUB COLOR
SUB-CONTRAST
HORIZ. POSITION
VERT. POSITION
HEIGHT
V-LINEARITY
V-S CORRECTION
PICTURE WIDTH
V-SHIFT
RCUT
GCUT
BCUT
GDRV
BDRV
CNTX
BRTC
COLC
TNTC
SCOL
SCNT
HPOS
VPOS
HIT
LIN
VSC
WID
VPS
Preset
Date
40H
40H
40H
40H
40H
7FH
80H
50H
44H
05H
10H
19H
00H
64H
12H
10H
28H
18H
←
←
←
←
←
←
←
←
←
←
←
←
←
←
←
←
23H
←
Table-2
CIRCUIT CHECKS
Table-3
FBT DETECTION VOLTAGE
(C)
24.5V
Item
Name of adjustment
Preset
Date
VCP
PARA
CNR
TRAP
HCP
VFC
PHUE
PCNT
PCOL
RGBB
PROF
PBOF
PGOF
STRH
STRP
VLD
VCEN
TVOP
V-COMPENSATE
E-W PARABOLA (DPC)
E-W CORNER
TRAPEZIUM
H-COMPENSATE
V-F CORRECT
PIP TINT
PIP CONT
PIP COLOR
RGB BRIGHT
PIP R OFFSET
PIP B OFFSET
PIP YG OFFSET
START H
START PTN
VLD
V POSITION
TV OPTION
←
←
←
←
←
←
←
←
←
←
←
←
←
←
←
←
←
←
0AH
29H
08H
10H
00H
00H
00H
00H
0FH
54H
00H
00H
00H
67H
8AH
41H
81H
00H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com