Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTF-37WHCS-PW-R Datasheet(PDF) 1 Page - DB Lectro Inc

Part # BTF-37WHCS-PW-R
Description  SUPER FLUX LED
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

BTF-37WHCS-PW-R Datasheet(HTML) 1 Page - DB Lectro Inc

  BTF-37WHCS-PW-R Datasheet HTML 1Page - DB Lectro Inc BTF-37WHCS-PW-R Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1 of 2
SUPER FLUX LED
BTF-37WHCS-XX-X
Package Dimension
Product Features
Ultra Bright White Color
High Light Output
3mm Super Flux Package
Water Clear Lens
Highly Reliable
IC Compatible
Leads with Stand Off
Applications
Outdoor Sign Board
Automotive
Front Panel Indicator
Special Lighting
General Purpose LEDs
Tolerance:
±
Unit:
±
Optical and Electrical Characteristics at Ta=25℃
Parameter
Symbol
Minimum
Typical
Maximum
Units
Conditions
Luminous
Intensity
Iv
1800
2500
-
mcd
IF = 20mA
(Note 1)
Viewing Angle
2θ1/2
-
90
-
degree
IF = 20mA
X
-
0.28
-
n/a
Color
Coordinates
Y
-
0.29
-
n/a
IF = 20mA
(Note 2)
DC Forward
Voltage
VF
-
3.3
4.0
V
IF = 20mA
DC Reverse
Current
IR
0
-
10
µA
VR=5V
Notes:
1. Light intensity measures the light sensing response standard using chromatic meter.
Refer to the CIE
eye-response curve set by International Lighting committee.
Tolerance of minimum and maximum
intensity = ± 15%
2. Color coordinates range can be selected from the bin selection table. The parameters used fulfilled
the 1932 2 standard
3.
These products are sensitive to static electricity and care must be fully taken when handling products
0.01
0.25
inch
mm
DB LECTRO Inc. 3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714 www.dblectro.com


Similar Part No. - BTF-37WHCS-PW-R

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
BTF-37BLCS-B5-R DBLECTRO-BTF-37BLCS-B5-R Datasheet
121Kb / 2P
SUPER FLUX LED
BTF-37BLCS-B5-S DBLECTRO-BTF-37BLCS-B5-S Datasheet
121Kb / 2P
SUPER FLUX LED
BTF-37BLCS-B5-T DBLECTRO-BTF-37BLCS-B5-T Datasheet
121Kb / 2P
SUPER FLUX LED
BTF-37BLCS-B6-R DBLECTRO-BTF-37BLCS-B6-R Datasheet
121Kb / 2P
SUPER FLUX LED
BTF-37BLCS-B6-S DBLECTRO-BTF-37BLCS-B6-S Datasheet
121Kb / 2P
SUPER FLUX LED
More results

Similar Description - BTF-37WHCS-PW-R

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
BTF-37BLCS-XX-X DBLECTRO-BTF-37BLCS-XX-X Datasheet
121Kb / 2P
SUPER FLUX LED
BTF-57BLCS-XX-X DBLECTRO-BTF-57BLCS-XX-X Datasheet
121Kb / 2P
SUPER FLUX LED
logo
Bright View Electronic ...
BVZ-914GN4 BVLED-BVZ-914GN4 Datasheet
262Kb / 4P
SUPER FLUX LED
BVZ-914QS4 BVLED-BVZ-914QS4 Datasheet
262Kb / 3P
SUPER FLUX LED
BVZ-915QT4 BVLED-BVZ-915QT4 Datasheet
194Kb / 3P
SUPER FLUX LED
BVZ-916QH4 BVLED-BVZ-916QH4 Datasheet
253Kb / 3P
SUPER FLUX LED
BVZ-916QT4 BVLED-BVZ-916QT4 Datasheet
192Kb / 3P
SUPER FLUX LED
BVZ-922QT4 BVLED-BVZ-922QT4 Datasheet
248Kb / 3P
SUPER FLUX LED
BVZ-922TT4 BVLED-BVZ-922TT4 Datasheet
248Kb / 3P
SUPER FLUX LED
logo
List of Unclassifed Man...
QBPP350C-IB ETC1-QBPP350C-IB Datasheet
467Kb / 6P
Super Flux LED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com