Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTF-37WHCS-PW-R Datasheet(PDF) 2 Page - DB Lectro Inc

Part # BTF-37WHCS-PW-R
Description  SUPER FLUX LED
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

BTF-37WHCS-PW-R Datasheet(HTML) 2 Page - DB Lectro Inc

  BTF-37WHCS-PW-R Datasheet HTML 1Page - DB Lectro Inc BTF-37WHCS-PW-R Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Page 2 of 2
SUPER FLUX LED
BTF-37WHCS-XX-X
Absolute Maximum Ratings at Ta=25℃
Symbol
Parameter
Max.
Unit
PD
Power Rating
80
mW
VR
Reverse Voltage (IR=10µA)
5
V
IF
Continuous Forward Current
30
mA
IPF
Peak Forward Current (0.1 duty cycle @ 1kHz)
100
mA
Topr
Operating Temperature Range
–35 ~ + 80
℃
Tstg
Storage Temperature Range
–40 ~ + 100
℃
Lead Soldering Temperature [1.6mm (0.063inch) from body]
260℃ - max 5 seconds
Color and Brightness Selection
BTF-37WHCS-XX-X
Color Bin Selection
Brightness Bin Selection
White
Bin
X
Y
0.20
0.20
0.27
0.28
0.31
0.27
BW
(Bluish
White)
0.31
0.20
0.24
0.28
0.32
0.36
0.36
0.36
PW
(Pure
White)
0.36
0.28
0.29
0.36
0.38
0.45
0.42
0.45
YW
(Yellowish
White)
0.42
0.36
XX
All Range
Bin
Range(mcd)
R
1800~2500
S
2500~3500
T
3500~4900
X
1800~4900
DB LECTRO Inc. 3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714 www.dblectro.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com