Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

121MPR122JS7 Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part # 121MPR122JS7
Description  METALLIZED POLYPROPYLENE FILM CAPACITORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

121MPR122JS7 Datasheet(HTML) 1 Page - RUBYCON CORPORATION

  121MPR122JS7 Datasheet HTML 1Page - RUBYCON CORPORATION 121MPR122JS7 Datasheet HTML 2Page - RUBYCON CORPORATION 121MPR122JS7 Datasheet HTML 3Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
◆OUTLINE
(mm)
◆SPECIFICATIONS
±3%(H), ±5%(J), ±10%(K)
0.001max at 1kHz
UR×150% 1 to 5s
30000MΩmin
JIS C 5101-17, JIS C 5101-1
800Vp-p/1000VDC, 1000Vp-p/1250VDC, 1200Vp-p/1600VDC, 1600Vp-p/2000VDC
−40℃∼+105℃
Rated voltage (UR)
Category temperature
Voltage proof
Insulation resistance
Reference standard
Capacitance tolerance
tanδ
◆PART NUMBER
□□□
Rated Voltage
MPR
Series
□□□
Sub mark
□□
Suffix
□□□
Rated capacitance
□
Tolerance
Blank
Symbol
800
101
121
161
UR
800Vp-p/1000VDC
1000Vp-p/1250VDC
1200Vp-p/1600VDC
1600Vp-p/2000VDC
Symbol
H
J
K
Tolerance
± 3%
± 5%
±10%
Symbol
Blank
S7
W7
Lead style
Long lead type
Lead forming cut
LS=7.5
Symbol
K7
TL(F=12.5)
TJ(F≧15)
TN
Lead style
Lead forming cut
LS=15.0
Style C, Ammo pack
P=25.4 Po=12.7 LS=5.0
Style E, Ammo pack
P=30.0 Po=15.0 LS=7.5
Lead forming cut
LS=5.0
S7,W7,K7
Style C,E
METALLIZED POLYPROPYLENE FILM CAPACITORS MPR
◆FEATURES
• Very low dissipation factor, small and light.
• for applications where high frequency,
  high voltage are like electronic ballast, etc.
• Coated with flame-retardant (UL94 V-0) epoxy resin.
• RoHS compliance.
SERIES
MPR


Similar Part No. - 121MPR122JS7

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
121MPE102 RUBYCON-121MPE102 Datasheet
79Kb / 4P
METALLIZED POLYPROPYLENE FILM CAPACITORS
121MPE103 RUBYCON-121MPE103 Datasheet
79Kb / 4P
METALLIZED POLYPROPYLENE FILM CAPACITORS
121MPE104 RUBYCON-121MPE104 Datasheet
79Kb / 4P
METALLIZED POLYPROPYLENE FILM CAPACITORS
121MPE112 RUBYCON-121MPE112 Datasheet
79Kb / 4P
METALLIZED POLYPROPYLENE FILM CAPACITORS
121MPE113 RUBYCON-121MPE113 Datasheet
79Kb / 4P
METALLIZED POLYPROPYLENE FILM CAPACITORS
More results

Similar Description - 121MPR122JS7

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
MPS RUBYCON-MPS Datasheet
80Kb / 3P
METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
MERITEK ELECTRONICS COR...
TMPP MERITEK-TMPP Datasheet
219Kb / 1P
Metallized Polypropylene Film Capacitors
logo
Illinois Capacitor, Inc...
755DCB112K2J ILLINOISCAPACITOR-755DCB112K2J_13 Datasheet
274Kb / 2P
Metallized Polypropylene Film Capacitors
logo
TDK Electronics
MKP-B32620621 TDK-MKP-B32620621 Datasheet
500Kb / 28P
Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPN RUBYCON-MPN Datasheet
204Kb / 2P
METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
Vishay Siliconix
MKP1848S-DC VISHAY-MKP1848S-DC Datasheet
167Kb / 15P
Metallized Polypropylene Film Capacitors
19-Mar-13
logo
RUBYCON CORPORATION
121MPE153J RUBYCON-121MPE153J Datasheet
184Kb / 3P
METALLIZED POLYPROPYLENE FILM CAPACITORS
630MPB224J RUBYCON-630MPB224J Datasheet
149Kb / 2P
METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
Cornell Dubilier Electr...
950 CDE-950 Datasheet
265Kb / 3P
Metallized Polypropylene Film Capacitors
logo
WESTECH COMPONENT CO., ...
CBB62 WESTECH-CBB62 Datasheet
89Kb / 1P
Metallized Polypropylene Film Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com