Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0ALE Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # 0ALE
Description  Electric vehicle auxiliary fuses
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0ALE Datasheet(HTML) 2 Page - Bel Fuse Inc.

  0ALE Datasheet HTML 1Page - Bel Fuse Inc. 0ALE Datasheet HTML 2Page - Bel Fuse Inc. 0ALE Datasheet HTML 3Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Type 0ALE
2 / 3
Bel Fuse Inc.
206 Van Vorst Street
Jersey City, NJ 07302 USA
+1 201.432.0463
Bel.US.CS@belf.com
belfuse.com/circuit-protection
© 2022 Bel Fuse, Inc.
Rev. 0ALE Jun2022
Temperature Rerating Curve
Average Time Current Curve
Operating Temperature: -40°C to +125°C,
with proper rerating factor applied
Electrical Specifications
Part Number
Ampere
Rating
Typical Cold
Resistance
(mohms)
Typical Voltage Drop
(mV)
Voltage and Interrupting
Ratings
Typical pre-
arcing I²t
(A²sec)
0ALEx9100-xx
10A
13.5
185
See Table of Ratings on
Page 1 for Voltage and
associated Interrupting
Ratings
130
0ALEx9200-xx
20A
5.1
145
435
0ALEx9300-xx
30A
3.1
150
1650
0ALEx9400-xx
40A
2.2
150
2850
0ALEx9500-xx
50A
1.65
165
5250
Consult manufacturer for other ratings
Temperature Rise <=50K with 70% of rated current
Typical pre-arcing I
2t measured at 10In
Specifications subject to change without notice
0.001
0.01
0.1
1
10
100
1000
10000
10
100
1000
10000
Current (Amperes)
Time Current Curve



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com