Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0ALE Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # 0ALE
Description  Electric vehicle auxiliary fuses
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0ALE Datasheet(HTML) 1 Page - Bel Fuse Inc.

  0ALE Datasheet HTML 1Page - Bel Fuse Inc. 0ALE Datasheet HTML 2Page - Bel Fuse Inc. 0ALE Datasheet HTML 3Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Type 0ALE
Electric vehicle auxiliary fuses
belfuse.com/circuit-protection
0ALE Series
RoHS Compliant
Description
The 0ALEX fuse is designed for protection of high-voltage accessory circuits in Electric Vehicle
and Hybrid Electric Vehicles and Energy Storage System
Features
- 500Vdc ideal for EV or HEV or ESS application
- Excellent DC performance
- Stud-mount, optional for other installation
- Reliability performance design refer to ISO8820-8&GB/T31465.6
- Design to EV fuse standard UL248-20
- Full compliance with EU Directive 2011/65/EU and amending directive 2015/863
Applications
Provide individual protection for components or internal circuits.
Physical Specifications
Ratings
Materials
Body : Ceramic
Cap : Tin Plated Copper Caps
Terminals : Tin Plated Copper (For stud Mount type)
Marking
On Fuse :
"bel"
"0ALE", "Current Rating", "Voltage Rating"
On Label :
"bel","0ALEX", "Current Rating", "Voltage Rating", "Interrupting Rating",
and "
","
"
(China RoHS compliant).
Ampere Rating / Voltage Rating
Ampere Range / Volt
@ I.R. ability*
10A - 50A / 500V DC
10A - 50A / 500V @ 20kA DC
*I.R.= Interrupting Rating = Short Circuit Rating (Amps)
Specifications subject to change without notice


Similar Part No. - 0ALE

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0ALEB9100- PD BEL-0ALEB9100- PD Datasheet
315Kb / 3P
The 0ALEX fuse is designed for protection of high-voltage accessory circuits in Electric Vehicle and Hybrid Electric Vehicles and Energy Storage System
Apr2023
0ALEB9100-BE BEL-0ALEB9100-BE Datasheet
315Kb / 3P
The 0ALEX fuse is designed for protection of high-voltage accessory circuits in Electric Vehicle and Hybrid Electric Vehicles and Energy Storage System
Apr2023
0ALEB9200- PD BEL-0ALEB9200- PD Datasheet
315Kb / 3P
The 0ALEX fuse is designed for protection of high-voltage accessory circuits in Electric Vehicle and Hybrid Electric Vehicles and Energy Storage System
Apr2023
0ALEB9200-BE BEL-0ALEB9200-BE Datasheet
315Kb / 3P
The 0ALEX fuse is designed for protection of high-voltage accessory circuits in Electric Vehicle and Hybrid Electric Vehicles and Energy Storage System
Apr2023
0ALEB9300- PD BEL-0ALEB9300- PD Datasheet
315Kb / 3P
The 0ALEX fuse is designed for protection of high-voltage accessory circuits in Electric Vehicle and Hybrid Electric Vehicles and Energy Storage System
Apr2023
More results

Similar Description - 0ALE

ManufacturerPart #DatasheetDescription
logo
ITT Industries
CA-COM ITT-CA-COM Datasheet
84Kb / 1P
Construction Equipment Electric Vehicle
logo
American Electronic Com...
HHC71-4 AEC-HHC71-4 Datasheet
431Kb / 3P
Electric Vehicle Motor Control
logo
Willow Technologies Ltd
DEVR20 WILLOW-DEVR20 Datasheet
765Kb / 4P
Electric Vehicle Contactor
DEVR40 WILLOW-DEVR40 Datasheet
651Kb / 4P
Electric Vehicle Contactor
DEVR10 WILLOW-DEVR10 Datasheet
501Kb / 3P
Electric Vehicle Contactor
DG55M WILLOW-DG55M Datasheet
288Kb / 3P
electric vehicle relay
logo
Bel Fuse Inc.
0AKK BEL-0AKK Datasheet
499Kb / 3P
Electric Vehicle Power Fuses
Rev. 0AKK Jul2022
0AKL BEL-0AKL Datasheet
433Kb / 3P
Electric Vehicle Auxiliary Fuses
Rev. 0AKL Sep2022
0AKM BEL-0AKM Datasheet
340Kb / 3P
Electric Vehicle Auxiliary Fuses
Rev. 0AKM Aug2022
0AKN BEL-0AKN Datasheet
460Kb / 3P
Electric Vehicle Power Fuses
Rev. 0AKN Feb2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com