Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5243 Datasheet(PDF) 39 Page - Toshiba Semiconductor

Part # 2SC5243
Description  COLOUR TELEVISION C9PJ Chassis
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC5243 Datasheet(HTML) 39 Page - Toshiba Semiconductor

Back Button 2SC5243 Datasheet HTML 35Page - Toshiba Semiconductor 2SC5243 Datasheet HTML 36Page - Toshiba Semiconductor 2SC5243 Datasheet HTML 37Page - Toshiba Semiconductor 2SC5243 Datasheet HTML 38Page - Toshiba Semiconductor 2SC5243 Datasheet HTML 39Page - Toshiba Semiconductor 2SC5243 Datasheet HTML 40Page - Toshiba Semiconductor 2SC5243 Datasheet HTML 41Page - Toshiba Semiconductor 2SC5243 Datasheet HTML 42Page - Toshiba Semiconductor 2SC5243 Datasheet HTML 43Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 126 page
background image
– 39 –
WARNING: BEFORE SERVICING THIS CHASSIS, READ THE “X-RAY RADIATION PRECAUTION”, “SAFETY
PRECAUTION” AND “PRODUCT SAFETY NOTICE” ON PAGE 3 OF THIS MANUAL.
CAUTION: The international hazard symbols “
” in the schematic diagram and the parts list designate com-
ponents which have special characteristics important for safety and should be replaced only with types identical to
those in the original circuit or specified in the parts list. The mounting position of replacements is to be identical
with originals. Before replacing any of these components, read carefully the PRODUCT SAFETY NOTICE . Do not
degrade the safety of the receiver through improper servicing.
NOTICE:
• The part number must be used when ordering parts, in order to assist in processing, be sure to include the Model
number and Description.
• The PC board assembly with * mark is no longer available after the end of the production.
ABBREVIATIONS:
Capacitors ............. CD
:
Ceramic Disk
PF
:
Plastic Film
EL
:
Electrolytic
Resistors ............... CF
:
Carbon Film
CC
:
Carbon Composition
MF
:
Metal Film
OMF :
Oxide Metal Film
VR
:
Variable Resistor
FR
:
Fusible Resistor
(All CD and PF capacitors are
±5%, 50V and all resistors, ±5%, 1/6W unless otherwise noted.)
CHASSIS AND CABINET REPLACEMENT PARTS LIST
Models : 40PW03G, 40PW03B
Location
No.
Part No.
Description
Location
No.
Part No.
Description
CAPACITORS
CAPACITORS
CAPACITORS
CAPACITORS
CAPACITORS
C101
24793220
EL, 22?F,
±20%, 10V
C102
24762221
EL, 220?F,
±20%, 10V
C105
24212102
CD, 1000pF,
±10%
C106
24797100
EL, 10?F,
±20%, 50V
C115
24232103
CD, 0.01?F, +80%, -20%
C116
24762221
EL, 220?F,
±20%, 10V
C150
24763102
EL, 1000?F,
±20%, 16V
C183
24766479
EL, 4.7?F,
±20%, 50V
C194
24232103
CD, 0.01?F, +80%, -20%
C201
24538104
PF, 0.1?F
C202
24814103
Chip, 0.01?F, +80%, -20%
C203
24538104
PF, 0.1?F
C204
24669010
EL, 1?F,
±20%, 50V
C205
24669229
EL, 2.2?F,
±20%, 50V
C206
24206220
EL, 22?F,
±20%, 50V
C212
24794100
EL, 10?F,
±20%, 16V
C214
24591334
PF, 0.33?F
C219
24781100
Chip, 10pF,
±0.5pF%, SL
C220
24781100
Chip, 10pF,
±0.5pF%, SL
C221
24781100
Chip, 10pF,
±0.5pF%, SL
C228
24814103
Chip, 0.01?F, +80%, -20%
C229
24669010
EL, 1?F,
±20%, 50V
C230
24763221
EL, 220?F,
±20%, 16V
C231
24814103
Chip, 0.01?F, +80%, -20%
C232
24669010
EL, 1?F,
±20%, 50V
C260
24085967
EL, 47?F,
±20%, 16V,
Non-Polar
C261
24669101
EL, 100?F,
±20%, 50V
C262
24814103
Chip, 0.01?F, +80%, -20%
C264
24781150
Chip, 15pF, SL
C273
24206229
EL, 2.2?F,
±20%, 50V
C281
24763101
EL, 100?F,
±20%, 16V
C282
24232103
CD, 0.01?F, +80%, -20%
C283
24794100
EL, 10?F,
±20%, 16V
C284
24794100
EL, 10?F,
±20%, 16V
C295
24232103
CD, 0.01?F, +80%, -20%
C303
24214471
CD, 470pF,
±10%, 500V
C305
24617912
EL, 2.2?F,
±10%, 50V
C306
24617858
EL, 3300?F,
±20%, 35V
C307
24082270
PF, 0.033?F, 100V
C308
24669221
EL, 220?F,
±20%, 50V
C309
24212101
CD, 100pF,
±10%
C310
24669222
EL, 2200?F,
±20%, 50V
C311
24214561
CD, 560pF,
±10%, 500V
C313
24082057
PF, 0.22?F, 100V
C314
24591103
PF, 0.01?F
C315
24797229
EL, 2.2?F,
±20%, 50V
C316
24232103
CD, 0.01?F, +80%, -20%
C318
24666222
EL, 2200?F,
±20%, 16V
C319
24591102
PF, 1000pF
C320
24669101
EL, 100?F,
±20%, 50V
C321
24591183
PF, 0.018?F
C322
24617915
EL, 1?F,
±10%, 50V
C323
24567474
PF, 0.47?F
C324
24567684
PF, 0.68?F
C330
24591104
PF, 0.1?F
C331
24669229
EL, 2.2?F,
±20%, 50V
C344
24591103
PF, 0.01?F
C351
24667222
EL, 2200?F,
±20%, 25V
C355
24669010
EL, 1?F,
±20%, 50V
C357
24669100
EL, 10?F,
±20%, 50V
C360
24667100
EL, 10?F,
±20%, 25V
C361
24669100
EL, 10?F,
±20%, 50V
C362
24591104
PF, 0.1?F
C363
24085942
EL, 10?F,
±20%, 16V,
Non-Polar
C364
24666100
EL, 10?F,
±20%, 16V
C370
24669101
EL, 100?F,
±20%, 50V
C371
24669100
EL, 10?F,
±20%, 50V
C372
24591104
PF, 0.1?F
C388
24591334
PF, 0.33?F
C403
24591223
PF, 0.022?F
C403
24828124
PF, 0.12?F, 200V
C404
24797229
EL, 2.2?F,
±20%, 50V
C413
24214821
CD, 820pF,
±10%, 500V
C415
24815392
Chip, 3900pF,
±10%
C416
24678100
EL, 10?F,
±20%, 200V
C417
24214391
CD, 390pF,
±10%, 500V
C418
24095883
PF, 0.015?F,
±3%, 630V
C419
24095803
PF, 0.062?F, 400V
C420
24666101
EL, 100?F,
±20%, 16V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com