Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5243 Datasheet(PDF) 47 Page - Toshiba Semiconductor

Part # 2SC5243
Description  COLOUR TELEVISION C9PJ Chassis
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC5243 Datasheet(HTML) 47 Page - Toshiba Semiconductor

Back Button 2SC5243 Datasheet HTML 43Page - Toshiba Semiconductor 2SC5243 Datasheet HTML 44Page - Toshiba Semiconductor 2SC5243 Datasheet HTML 45Page - Toshiba Semiconductor 2SC5243 Datasheet HTML 46Page - Toshiba Semiconductor 2SC5243 Datasheet HTML 47Page - Toshiba Semiconductor 2SC5243 Datasheet HTML 48Page - Toshiba Semiconductor 2SC5243 Datasheet HTML 49Page - Toshiba Semiconductor 2SC5243 Datasheet HTML 50Page - Toshiba Semiconductor 2SC5243 Datasheet HTML 51Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 126 page
background image
– 47 –
Location
No.
Part No.
Description
Location
No.
Part No.
Description
R782
24872101
Chip, 100 ohm, 1/16W
R783
24872101
Chip, 100 ohm, 1/16W
R786
24872472
Chip, 4700 ohm, 1/16W
R787
24872472
Chip, 4700 ohm, 1/16W
R801
24366473
CF, 47k ohm
R802
24366102
CF, 1k ohm
R803
24366683
CF, 68k ohm
R805
24366101
CF, 100 ohm
R806
24366101
CF, 100 ohm
R807
24367273
CF, 27k ohm,
±2%
R808
24552470
OMF, 47 ohm, 1/2W
R809
24321689
OMF, 6.8 ohm, 1/2W
R810
24383680
OMF, 68 ohm, 2W
R811
24552121
OMF, 120 ohm, 1/2W
R812
24552390
OMF, 39 ohm, 1/2W
R814
24552821
OMF, 820 ohm, 1/2W
R816
24384223
OMF, 22k ohm, 3W
* R819
24009954
Metal-Glazed Resistor,
2.2M ohm, 1/2W
R820
24007061
Cement, 1.8 ohm,
±10%, 2W
R821
24510479
Cement, 4.7 ohm, 5W
R822
24366102
CF, 1k ohm
R823
24554470
OMF, 47 ohm, 2W
R851
24545109
FR, 1 ohm, 1/4W
R852
24366272
CF, 2700 ohm
R853
24338568
MF, 0.56 ohm, 1W
R854
24553121
OMF, 120 ohm, 1W
R855
24553271
OMF, 270 ohm, 1W
R856
24366152
CF, 1500 ohm
R857
24381682
OMF, 6800 ohm, 1/2W
R858
24366102
CF, 1k ohm
R859
24382333
OMF, 33k ohm, 1W
R860
24366102
CF, 1k ohm
* R861
24005015
Metal-Glazed Resistor,
8.2M ohm, 1W
R862
24366223
CF, 22k ohm
R863
24366101
CF, 100 ohm
R870
24552100
OMF, 10 ohm, 1/2W
R901
24366101
CF, 100 ohm
R903
24942102
CC, 1k ohm, 1/2W
R905
24366390
CF, 39 ohm
R906
24366621
CF, 620 ohm
R908
24366680
CF, 68 ohm
R909
24366151
CF, 150 ohm
R911
24366101
CF, 100 ohm
R913
24942102
CC, 1k ohm, 1/2W
R915
24366390
CF, 39 ohm
R916
24366621
CF, 620 ohm
R918
24366680
CF, 68 ohm
R921
24366101
CF, 100 ohm
R923
24942102
CC, 1k ohm, 1/2W
R925
24366151
CF, 150 ohm
R926
24366621
CF, 620 ohm
R928
24366101
CF, 100 ohm
R931
24555153
OMF, 15k ohm, 3W
R932
24555153
OMF, 15k ohm, 3W
R933
24000929
FR, 1.5 ohm, 1W
R935
24366150
CF, 15 ohm
R936
24366330
CF, 33 ohm
R941
24555153
OMF, 15k ohm, 3W
R942
24555153
OMF, 15k ohm, 3W
R943
24366103
CF, 10k ohm
R944
24366150
CF, 15 ohm
R945
24366680
CF, 68 ohm
R946
24366330
CF, 33 ohm
R949
24366121
CF, 120 ohm
R951
24555153
OMF, 15k ohm, 3W
R952
24555153
OMF, 15k ohm, 3W
R953
24366390
CF, 39 ohm
R956
24366102
CF, 1k ohm
R957
24366330
CF, 33 ohm
R961
24366102
CF, 1k ohm
R962
24366361
CF, 360 ohm
R964
24366332
CF, 3300 ohm
R965
24366471
CF, 470 ohm
R966
24366821
CF, 820 ohm
R967
24366102
CF, 1k ohm
R968
24366680
CF, 68 ohm
R969
24366103
CF, 10k ohm
R970
24366222
CF, 2200 ohm
R971
24367152
CF, 1500 ohm,
±2%
R972
24367471
CF, 470 ohm,
±2%
R973
24367681
CF, 680 ohm,
±2%
R974
24367681
CF, 680 ohm,
±2%
R975
24366242
CF, 2400 ohm
R976
24367562
CF, 5600 ohm,
±2%
R977
24367472
CF, 4700 ohm,
±2%
R978
24367681
CF, 680 ohm,
±2%
R6101
24366473
CF, 47k ohm
R6102
24366103
CF, 10k ohm
R6103
24366331
CF, 330 ohm
R7703
24366473
CF, 47k ohm
R7704
24366103
CF, 10k ohm
R7705
24366472
CF, 4700 ohm
R7706
24366222
CF, 2200 ohm
R7707
24366472
CF, 4700 ohm
R7708
24366472
CF, 4700 ohm
R7710
24384680
OMF, 68 ohm, 3W
R7711
24323229
MF, 2.2 ohm, 2W
R7712
24366472
CF, 4700 ohm
R7713
24366472
CF, 4700 ohm
R7715
24384680
OMF, 68 ohm, 3W
R7716
24323229
MF, 2.2 ohm, 2W
R7717
24366472
CF, 4700 ohm
R7718
24366472
CF, 4700 ohm
R7720
24384680
OMF, 68 ohm, 3W
R7721
24323229
MF, 2.2 ohm, 2W
R7722
24366472
CF, 4700 ohm
R7723
24366472
CF, 4700 ohm
R7725
24384680
OMF, 68 ohm, 3W
R7726
24323229
MF, 2.2 ohm, 2W
R7727
24366472
CF, 4700 ohm
R7728
24366472
CF, 4700 ohm
R7730
24384680
OMF, 68 ohm, 3W
R7731
24323229
MF, 2.2 ohm, 2W
R7732
24366472
CF, 4700 ohm
R7733
24366472
CF, 4700 ohm
R7735
24384680
OMF, 68 ohm, 3W
R7736
24323229
MF, 2.2 ohm, 2W
R7738
24383101
OMF, 100 ohm, 2W
R7741
24366471
CF, 470 ohm
R7742
24366472
CF, 4700 ohm
R7743
24366223
CF, 22k ohm
R7744
24366102
CF, 1k ohm
R7745
24366222
CF, 2200 ohm
R7746
24366223
CF, 22k ohm
R7747
24366222
CF, 2200 ohm
R7749
24366331
CF, 330 ohm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com