Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AF20 Datasheet(PDF) 2 Page - Quectel Wireless Solutions Co., Ltd.

Part # AF20
Description  Wi-Fi & BT* Module with Ultra-compact LGA Package
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUECTEL [Quectel Wireless Solutions Co., Ltd.]
Direct Link  https://www.quectel.com/
Logo QUECTEL - Quectel Wireless Solutions Co., Ltd.

AF20 Datasheet(HTML) 2 Page - Quectel Wireless Solutions Co., Ltd.

  AF20 Datasheet HTML 1Page - Quectel Wireless Solutions Co., Ltd. AF20 Datasheet HTML 2Page - Quectel Wireless Solutions Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Variant for the Global
Function:
2.4GHz + 5GHz Wi-Fi, BT 4.2*
WLAN Standard:
IEEE 802.11a/b/g/n/ac
BT Standard:
BT 4.2 BLE*
Modulation Mode:
DBPSK/DQPSK/CCK/BPSK/
QPSK/16QAM/64QAM/256QAM
Data
802.11a: Max 54Mbps
802.11b: Max 11Mbps
802.11g: Max 54Mbps
802.11n: Max 135Mbps
802.11ac: Max 433Mbps
BT 4.2*: Max 60Mbps
Interfaces
SDIO 3.0: × 1
Wi-Fi Enable Control: × 1
BT Enable Control*: × 1
PCM: × 1
UART: ×1
Antenna: Wi-Fi & BT* Antenna
Electrical Characteristics
Receiving Sensitivity:
-90dBm @802.11a/6Mbps
-78dBm @802.11a/54Mbps
-93dBm @802.11b/1Mbps
-88dBm @802.11b/11Mbps
-87dBm @802.11g/6Mbps
-75dBm @802.11g/54Mbps
-88dBm @802.11n/HT20 MCS0
-70dBm @802.11n/HT40 MCS7
-90dBm @802.11ac/VHT20 MCS0
-61dBm @802.11ac/VHT80 MCS9
Transmitting Power:
15dBm @802.11a/6Mbps
11dBm @802.11a/54Mbps
18.5dBm @802.11b/1Mbps
18.5dBm @802.11b/11Mbps
17dBm @802.11g/6Mbps
16dBm @802.11g/54Mbps
16.5dBm @802.11n/HT20 MCS0
13.5dBm @802.11n/HT40 MCS7
14.5dBm @802.11ac/VHT20 MCS0
6dBm @802.11ac/VHT80 MCS9
General Features
Encryption Mode:
WEP/TKIP/AES/WPA-PSK/WPA2-PSK
AP (Access Point): Max. 16
Operator Mode: AP/STA*
Supply Voltage Range:
3.14V~3.46V, 3.3V Typ.
1.71V~1.89V, 1.8V Typ.
Temperature Range: -40°C ~ +85°C
Dimension: 17.2mm × 15.2mm × 2.2mm
Weight: 1.26g
* Under Development
Quectel AF20
Wi-Fi & BT* Module with
Ultra-compact LGA Package
15.2mm
Copyright © 2018 Quectel Wireless Solutions Co., Ltd.
All Rights Reserved
http://www.quectel.com
HQ address: 7th Floor, Hongye Building, No.1801 Hongmei Road, Xuhui District, Shanghai 200233, China
Tel: +86 21 51086236
Email: info@quectel.com
2.2mm



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com