Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AF20 Datasheet(PDF) 1 Page - Quectel Wireless Solutions Co., Ltd.

Part # AF20
Description  Wi-Fi & BT* Module with Ultra-compact LGA Package
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUECTEL [Quectel Wireless Solutions Co., Ltd.]
Direct Link  https://www.quectel.com/
Logo QUECTEL - Quectel Wireless Solutions Co., Ltd.

AF20 Datasheet(HTML) 1 Page - Quectel Wireless Solutions Co., Ltd.

  AF20 Datasheet HTML 1Page - Quectel Wireless Solutions Co., Ltd. AF20 Datasheet HTML 2Page - Quectel Wireless Solutions Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Quectel AF20
Wi-Fi & BT* Module with
Ultra-compact LGA Package
Build a Smarter World
Quectel AF20 is a cost-effective Wi-Fi & BT* module with high performance. The ultra-compact 17.2mm × 15.2 mm × 2.2mm
profile makes it a perfect choice for size sensitive applications. The compact and unified form factor can also help customers
reduce product sizes and cut costs.
Surface-mount technology (SMT) makes AF20 an ideal solution for durable and rugged designs. The compact LGA package
makes sure AF20 can be easily embedded into size-constrained applications and provide reliable connectivity with these
applications. The advanced package allows for large-scale automated manufacturing which has strict requirements on cost
and efficiency.
Combining advantages such as compact form factor, low power consumption, extended temperature range and stable SDIO
interface, AF20 is typically used in combination with Quectel automotive grade LTE module AG35 to serve a wide range of
M2M applications, especially automotive industry application.
Ultra-compact Wi-Fi & BT* module
Support BT 4.2* technology
Support IEEE802.11a/b/g/n/ac standards
Easier soldering and testing process with LGA package
Stable and reliable SDIO communication interface
Fast time-to-market: simple design minimizes design-in time and
development efforts
EMAIL US: info@quectel.com
VISIT US: www.quectel.com
LGA Package
BT 4.2*
IEEE 802.11
a/b/g/n/ac
Ultra-compact
Size
Key
Benefits
Extended Temperature
Range: -40°C ~ +85°C
SDIO
Interface
Rev.: V1.0 | Status: Released


Similar Part No. - AF20

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AF20 ETC2-AF20 Datasheet
85Kb / 1P
CPRIIRNCTEUDI TCI RICMUPITR BIMOA횋RD
logo
Same Sky Devices
AF200 SAMESKY-AF200 Datasheet
151Kb / 2P
THERMAL PAD
09/12/2024
logo
List of Unclassifed Man...
AF2000 ETC1-AF2000 Datasheet
294Kb / 1P
AF1000 TO 6000
logo
YAGEO Corporation
AF2010 YAGEO-AF2010 Datasheet
472Kb / 10P
ANTI-SULFURATED CHIP RESISTORS AUTOMOTIVE GRADE
AF2010DK-07100R YAGEO-AF2010DK-07100R Datasheet
876Kb / 9P
ANTI-SULFURATED CHIP RESISTORS
More results

Similar Description - AF20

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANT10019-CC WPI-WPANT10019-CC Datasheet
218Kb / 3P
Dual-band Wi-Fi / BT / Zigbee Antenna
WPANT10020-CB WPI-WPANT10020-CB Datasheet
190Kb / 3P
Dual-band Wi-Fi / BT / Zigbee Antenna
WPANT10078 WPI-WPANT10078 Datasheet
82Kb / 2P
Wi-Fi / BT / ZigBee Antenna
logo
Quectel Wireless Soluti...
FC20 QUECTEL-FC20 Datasheet
1Mb / 2P
Wi-Fi & BT Module with Ultra-compact LCC Package
logo
Dialog Semiconductor
DA16200MOD DIALOG-DA16200MOD Datasheet
2Mb / 60P
Ultra Low Power Wi-Fi Module
logo
Kyocera Kinseki Corpota...
A1001312 KSS-A1001312 Datasheet
1Mb / 9P
Automotive Wi Wi-Fi /BT / ZigbeeZigbeeor UWB Ceramic Antenna
Rev 0
logo
AVX Corporation
M310220 AVX-M310220 Datasheet
1Mb / 6P
Wi-Fi / BT / Zigbee Ceramic Antennas
11/15/2018
M830320 AVX-M830320 Datasheet
1Mb / 6P
Wi-Fi / BT / Zigbee Ceramic Antenna
5/4/2021
logo
silex technology americ...
SX-SDMAC-PLUS SILEX-SX-SDMAC-PLUS Datasheet
2Mb / 2P
802.11ac Wi-Fi / BT Combo SDIO Module
REV D. 20200326
logo
Renesas Technology Corp
DA16200MOD RENESAS-DA16200MOD Datasheet
1Mb / 62P
Ultra Low Power Wi-Fi Module
04-Jan-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com