Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX210D2W Datasheet(PDF) 2 Page - Intel Corporation

Part # AX210D2W
Description  Intel® Wi-Fi6E AX210 (Gig) Module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

AX210D2W Datasheet(HTML) 2 Page - Intel Corporation

  AX210D2W Datasheet HTML 1Page - Intel Corporation AX210D2W Datasheet HTML 2Page - Intel Corporation AX210D2W Datasheet HTML 3Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Product Brief | Intel® Wi-Fi 6E AX210 Module
626913–1.03
Intel Confidential
2
Experience the Intel® Difference
Worldwide Regulatory
Support
Intel® Dynamic Regulatory
Solution
Enables performance-optimized worldwide regulatory compliance SKU. The Intel® Wi-Fi 6E
AX210 module detects its location and automatically optimizes the Wi-Fi settings to local
regulatory requirements, maximizing performance in each geography, simplifying travel
experience and global enterprise procurement. Future regulatory changes are easily managed
during the product life cycle.
Wireless Functionality in
Pre-boot Environment
Support for Wi-Fi network and Bluetooth® Low Energy HID connectivity in the platform’s UEFI
(Unified Extensible Firmware Interface) environment during its boot stage. This capability enables
use cases like OS recovery over Wi-Fi and Bluetooth® Low Energy-based keyboard and mouse
connectivity in this pre-boot environment.
Wirelessly Project to the
Big Screen
Project your 2-in-1 or laptop content instantly, without wires, on the big HD screen with stunning
image clarity and sound using Wi-Fi Miracast*. Stream movies, videos, games, photos, connect
with friends, and more. Experience it all, bigger and better than ever before.
Business-Class Wireless
Intel® vPro® Technology5
Supports Intel’s hardware-based security and management features built into Intel® Core™ vPro®
processors and chipsets that enable IT to manage PCs virtually anywhere, anytime, while reducing
deployment costs, improving security and ROI.
Intel® Active Management
Technology6
Using integrated platform capabilities and popular third-party management and security
applications, Intel® AMT allows IT or managed service providers to better discover, repair, and help
protect their networked computing assets. Intel® AMT is a feature of Intel® Core™ processors with
Intel® vPro® technology.
Intel® Wi-Fi 6E AX210 Module Technical Specifications
GENERAL
Dimensions (H x W x D)
M.2 2230: 22mm x 30mm x 2.4mm [1.5mm Max (Top Side)/ 0.1mm Max (Bottom Side)]
M.2 1216: 12mm x 16mm x 1.7 (+-0.1) mm
Weight
M.2 2230: 2.83 +/– 0.3 g
M.2 1216: 0.67 +/– 0.1 g
Radio ON/OFF Control
Supported
Connector Interface
M.2: PCIe*, USB
Operating Temperature
(Adapter Shield)
0°C to +80°C
Humidity Non-Operating
50% to 90% RH non-condensing (at temperatures of 25°C to 35°C)
Operating Systems
Microsoft* Windows 10*, Linux*
Wi-Fi Alliance7
Wi-Fi CERTIFIED* 6, Wi-Fi CERTIFIED* a/b/g/n/ac, WMM*, WMM*-Power Save, WPA3*, PMF*, Wi-Fi Direct*,
Wi-Fi Agile Multiband*
IEEE WLAN Standard
IEEE 802.11-2016 and select amendments (selected feature coverage)
IEEE 802.11a, b, d, e, g, h, i, k, n, r, u, v, w, ac, ax; Fine Timing Measurement based on 802.11-2016,
Wi-Fi Location R2 (802.11az) HW readiness8
Bluetooth®
Bluetooth® 5.2
SECURITY FEATURES9
Security Methods
WPA2*; WPA3*
Authentication Protocols
802.1X EAP-TLS, EAP-TTLS/MSCHAPv2, PEAPv0 -MSCHAPv2 (EAP-SIM, EAP-AKA, EAP-AKA’)
Encryption
128-bit AES-CCMP, 256-bit AES-GCMP
COMPLIANCE
Regulatory
For a list of country approvals, please contact your local Intel representatives.
US Government
FIPS10 140-2
Product Safety
UL, C-UL, CB (IEC 60950-1)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com