Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX210D2W Datasheet(PDF) 1 Page - Intel Corporation

Part # AX210D2W
Description  Intel® Wi-Fi6E AX210 (Gig) Module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

AX210D2W Datasheet(HTML) 1 Page - Intel Corporation

  AX210D2W Datasheet HTML 1Page - Intel Corporation AX210D2W Datasheet HTML 2Page - Intel Corporation AX210D2W Datasheet HTML 3Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product Brief
Industry
Product Name
Title First Line
Title Second Line
626913–1.03
Intel Confidential
1
Product Brief
Intel® Wi-Fi 6E AX210 Module
2nd Generation Wi-Fi 6 with extended Wi-Fi 6E (6GHz band) support
Intel® Wi-Fi 6EAX210(Gig+)Module
Maximize speed, latency, and reliability benefits of Wi-Fi 6 across new radio
frequencies free from legacy device interference
The Intel® Wi-Fi 6E AX210 (Gig+) adapter is designed to support upcoming
Wi-Fi 6E technology and related Wi-Fi Alliance Wi-Fi 6E1 certification. The
product supports dual-stream Wi-Fi in the 2.4GHz, 5GHz and 6GHz bands,
and includes improved TCP throughput—exceeding 2Gbps—and future
Wi-Fi 6 R2 features, including UL MU-MIMO2 that improves UL network
capacity in dense environments as well as Bluetooth® 5.2 support. These new
features maximize the benefits of Wi-Fi 6, including Gigabit speed, ultra-low
latencies, and enhanced reliability benefits across new radio frequencies
exclusive to Wi-Fi 6E devices, and deliver a significant improvement in user
experience in dense deployments. Combined with Intel® Core™ processors
and exceptional Intel wireless innovations, the Intel® Wi-Fi 6E AX210 module
can dramatically improve your connected experience at home, work, or on
the go.
2nd Generation Intel Wi-Fi 6 Wireless with Extended Wi-Fi 6E (6GHz Band) Support
Greater Network Flexibility
Faster Speed
Reduced Latency
Wi-Fi 6E Tri Band 2x2
160MHz
Intel® Wi-Fi 6E AX210 module supports legacy Wi-Fi 4, 5, 6 and Wi-Fi 6E and is designed to
support Wi-Fi 6 wave 2 features. By implementing the new Wi-Fi 6E technology supporting the
new 6GHz band that includes 1200MHz of new contiguous spectrum (>2x compared to 5GHz)
with more Gigabit Wi-Fi options and exclusivity to Wi-Fi 6 products, Intel® Wi-Fi 6E AX210 module
maximizes Wi-Fi 6 and Gigabit Wi-Fi benefits enabling greater network flexibility, faster
downloads, sharing and backups as well as reduced latency and improved reliability.
When using Wi-Fi 6 technology with 1024QAM and 160MHz channels, Intel® Wi-Fi 6 AX210
module can deliver nearly 3x higher peak data rates3 (up to 2.4Gbps) and up to 4x capacity
improvement in dense or congested environments comparing to Wi-Fi 54.
Bluetooth® 5.2
On top of existing features, Bluetooth® 5.2 includes Isochronous Channel feature which lays the
foundation for the implementation of next generation of Bluetooth® Audio – Low Energy Audio.
Bluetooth® 5.2 Core specification also provides the capability to change the transmit power of the
devices (local and peer) in order to improve the link quality while not using extra power
consumption.
Microsoft* Windows 10*
Full support for latest Microsoft* Windows 10* OS.
Form Factors
(M.2 2230 and 1216)
M.2 2230 modules enable system configuration and platform usage flexibility with the use of a
standard Key A or Key E socket for attaching the module.
M.2 1216 modules enable platform design optimizations providing savings on motherboard
space and BOM.


Similar Part No. - AX210D2W

ManufacturerPart #DatasheetDescription
logo
celduc-relais
AX21 CELDUC-AX21 Datasheet
364Kb / 2P
REED SWITCH NORMALY OPEN, DRY CONTACT
AX211030 CELDUC-AX211030 Datasheet
364Kb / 2P
REED SWITCH NORMALY OPEN, DRY CONTACT
AX211535 CELDUC-AX211535 Datasheet
136Kb / 2P
NORMALEMENT OUVERT, CONTACT SEC
More results

Similar Description - AX210D2W

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
AX201 INTEL-AX201 Datasheet
236Kb / 3P
wifi 6 gig module
logo
PCTEL, Inc.
BMLPV5000 PCTEL-BMLPV5000 Datasheet
376Kb / 4P
5G NR (FR1), Wi-Fi6e Low Profile Vertical Antenna Cellular, Wi-Fi, Bluetooth®, & BLE Antennas – Low Profile Whipless
November 2021
logo
Advantech Co., Ltd.
AIW-166K1 ADVANTECH-AIW-166K1 Datasheet
397Kb / 1P
Intel® Wireless 6E AX210 (No vPro) M.2 2230 A-E Key module with cables and antennas
6-Jul-2022
AIW-166K3 ADVANTECH-AIW-166K3 Datasheet
397Kb / 1P
Intel® Wireless 6E AX210 (No vPro) M.2 2230 A-E Key module with cables and antennas
6-Jul-2022
AIW-166K4 ADVANTECH-AIW-166K4 Datasheet
397Kb / 1P
Intel® Wireless 6E AX210 (Vpro) M.2 2230 A-E Key module with cables and antennas
6-Jul-2022
SOM-2569 ADVANTECH-SOM-2569 Datasheet
8Mb / 6P
Intel® Atom™ E3900 / Pentium® / Celeron® N Series SMARC Module
13-Oct-2021
logo
Silicon Laboratories
WGM160P SILABS-WGM160P Datasheet
1Mb / 46P
WGM160P Wi-Fi® Module
Rev. 1.3
logo
BCM Advanced Research.
ECM-APL BCM-ECM-APL Datasheet
594Kb / 2P
Intel® Pentium®/Celeron®/Atom® SoC Processor 3.5” Micro Module SBC
2021/02/23
EQM-APL BCM-EQM-APL Datasheet
639Kb / 1P
Intel® Pentium®/Celeron® Apollo Lake SoC processor Qseven Module
05/12/2022
logo
AAEON Technology
UP4000 AAEON-UP4000 Datasheet
669Kb / 2P
UP Developer Board with Intel® Celeron® N3350/ Intel® Pentium® N4200/ Intel Atom® x7-E3950 Processor SoC
2022/10/25
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com