Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW1 Datasheet(PDF) 4 Page - 4D Systems Pty Ltd

Part # SW1
Description  microOLED Display Modules
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  4DSYSTEMS [4D Systems Pty Ltd]
Direct Link  https://4dsystems.com.au/
Logo 4DSYSTEMS - 4D Systems Pty Ltd

SW1 Datasheet(HTML) 4 Page - 4D Systems Pty Ltd

  SW1 Datasheet HTML 1Page - 4D Systems Pty Ltd SW1 Datasheet HTML 2Page - 4D Systems Pty Ltd SW1 Datasheet HTML 3Page - 4D Systems Pty Ltd SW1 Datasheet HTML 4Page - 4D Systems Pty Ltd SW1 Datasheet HTML 5Page - 4D Systems Pty Ltd SW1 Datasheet HTML 6Page - 4D Systems Pty Ltd SW1 Datasheet HTML 7Page - 4D Systems Pty Ltd SW1 Datasheet HTML 8Page - 4D Systems Pty Ltd SW1 Datasheet HTML 9Page - 4D Systems Pty Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
microOLED Display Modules
uOLED-160G2
Page 4 of 20
www.4dsystems.com.au
3. Pin Configuration and Summary
I = Input, O = Output, P = Power
Interface/Programming Header
Pin
Symbol
I/O
Description
1
+5V
P
Main Voltage Supply +ve input pin. Reverse polarity protected. Range is 4.0V to
5.5V, nominal 5.0V.
2
5V OUT
P
5V OUT provides approximately 4.7 V through a protection diode.
3
TX
O
Asynchronous Serial Transmit pin. Output data is at TTL voltage levels. Connect
this pin to external device Serial Receive (Rx) signal. This pin is tolerant up to 5.0V
levels.
4
IO2
I/O
General purpose IO2 pin. See section 4.2 for more detail.
5
RX
I
Asynchronous Serial Receive pin. Connect this pin to external device Serial
Transmit (Tx) signal. This pin is tolerant up to 5.0V levels.
6
IO1
I/O
General purpose IO1 pin. See section 4.2 for more detail.
7
GND
P
Supply Ground.
8
GND
P
Supply Ground.
9
RESET
I
Master Reset signal. Internally pulled up to 3.3V via a 4.7K resistor. An active Low
pulse greater than 2.0μs will reset the module. If the module needs to be reset
externally, only use open collector type circuits. This pin is not driven low by any
internal conditions. The host should control this pin via one of its port pins using
an open collector/drain arrangement.
10
3.3V
P
Regulated 3.3 Volts output, maximum available current 50mA to power external
circuitry.
+5V
(1)
TX
(3)
RX
(5)
GND
(7)
RES
(9)
(4)
IO2
(2)
5V OUT
(6)
IO1
(8)
GND
(10)
3.3V
+5V
(1)
TX
(3)
RX
(5)
GND
(7)
RES
(9)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com