Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW1 Datasheet(PDF) 5 Page - 4D Systems Pty Ltd

Part # SW1
Description  microOLED Display Modules
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  4DSYSTEMS [4D Systems Pty Ltd]
Direct Link  https://4dsystems.com.au/
Logo 4DSYSTEMS - 4D Systems Pty Ltd

SW1 Datasheet(HTML) 5 Page - 4D Systems Pty Ltd

  SW1 Datasheet HTML 1Page - 4D Systems Pty Ltd SW1 Datasheet HTML 2Page - 4D Systems Pty Ltd SW1 Datasheet HTML 3Page - 4D Systems Pty Ltd SW1 Datasheet HTML 4Page - 4D Systems Pty Ltd SW1 Datasheet HTML 5Page - 4D Systems Pty Ltd SW1 Datasheet HTML 6Page - 4D Systems Pty Ltd SW1 Datasheet HTML 7Page - 4D Systems Pty Ltd SW1 Datasheet HTML 8Page - 4D Systems Pty Ltd SW1 Datasheet HTML 9Page - 4D Systems Pty Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
microOLED Display Modules
uOLED-160G2
Page 5 of 20
www.4dsystems.com.au
4. Hardware Interface - Pins
The uOLED-160G2 provides both a hardware and
software interface. This section describes in detail the
hardware interface pins of the device.
4.1. Serial Ports – COM0 UART
The uOLED-160G2 has a dedicated hardware UART
that can communicate with external serial devices.
The primary features are:
Full-Duplex 8 bit data transmission and
reception through the TX and RX pins.
Data format: 8 bits, No Parity, 1 Stop bit.
Auto Baud feature.
Baud rates from 300 baud up to 600K baud.
The Serial port is also the primary interface for
downloading compiled 4DGL application code as well
as future PmmC/Firmware updates for the on-board
GOLDELOX
processor.
Refer
to
Section
5.
PmmC/Firmware Programming for more details.
TX pin 3 (Serial Transmit):
Asynchronous Serial port Transmit pin, TX. The serial
output data is at TTL voltage levels. Connect this pin to
external serial device Rx signal.
Rx pin 5 (Serial Receive):
Asynchronous Serial port Receive pin, RX. Connect this
pin to external serial device Transmit Tx signal.
4.2. General Purpose I/O
There are 2 GPIO pins available, IO1 and IO2. Each
GPIO has a multitude of high level functions associated
with it and these can be selected within 4DGL user
application code.
Refer to the separate document titled
“Goldelox-4DGL-Internal-Functions.pdf”
for
a
complete set of built in 4DGL library functions.
IO1 pin 6 (General Purpose IO1):
General purpose IO1 pin. The following table lists the
available GPIO functions and features.
IO2 pin 4 (General Purpose IO2):
General purpose IO2 pin. The following tables lists the
available GPIO funcions and features
Note: Digital GPIO pins are 5.0V tolerant
Input/Output:
Both IO1 and IO2 pins can be programmed to be Inputs
or Outputs. Diagram below shows a LED connected to
IO1 (programmed as an output) and a button
connected to IO2 (programmed as an input).
Analogue to Digital Converter:
The IO1 pin can be programmed as an A/D input.
Option is available to select 8 bit or 10 bit resolution.
Diagram below is a circuit of a Light Dependent
Resistor (LDR) connected to IO1 to measure and
record changes in ambient light.
GPIO Functions and Features
Function
IO1
IO2
Digital Input
✓
✓
Digital Output
✓
✓
A/D Converter 8/10 bits
✓
Joystick – 5 position multi-
switch
✓
Dallas 1-Wire support
✓
✓
Sound Generation, RTTL
Tune
✓
✓



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com