Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL1310P1-R47M Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # APL1310P1-R47M
Description  Shielded Construction - DIP / APL Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

APL1310P1-R47M Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  APL1310P1-R47M Datasheet HTML 1Page - List of Unclassifed Manufacturers APL1310P1-R47M Datasheet HTML 2Page - List of Unclassifed Manufacturers APL1310P1-R47M Datasheet HTML 3Page - List of Unclassifed Manufacturers APL1310P1-R47M Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
1. Temperature Rise Current that will cause temperature rise approximate 40°C without core loss. (Ta=25±5℃)
2. Saturation Rated Current that will cause initial inductance value approximately 20% rolloff. (Ta=25±5℃)
Inductance
(μH)
Test Condition
( Volt / Hz )
DCR (mΩ)
@25°C ± 8%
22,000
34,000
Note:
System Number
Part Number
WP54D0103-00
WP54D0205-00
2.90
1.0 / 100K
Saturation
Current
Max. ( mA )
■ Electrical Characteristics / APL0806P-C
21,000
1.0 / 100K
WP54D0102-00
APL0806P-R60 __
APL0806P-R80 __
27,000
0.56
1.0 / 100K
Inductance
(μH)
Test Condition
( Volt / Hz )
DCR (mΩ)
@25°C ± 8%
System Number
APL0806P-R47 __
Shielded Construction - DIP / APL Series
Temperature Rise
Current
Max. ( mA )
Saturation
Current
Max. ( mA )
0.47
1.0 / 100K
■ Electrical Characteristics / APL0806P
38,000
22,000
Part Number
1.0 / 100K
4.30
WP54D0104-00
APL0806P-1R0 __
1.00
1.90
0.80
WP54D0101-00
APL0806P-R56 _ -C
28,000
23,000
0.82
1.0 / 100K
18,000
23,000
1.90
17,000
0.60
14,000
1.90
Temperature Rise
Current
Max. ( mA )
WP54D0208-00
21,000
15,000
WP54D0207-00
APL0806P-R82 _ -C
APL0806P-1R2 _ -C
1.20
1.0 / 100K
4.30
2.90



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com