Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL1310P1-R47M Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # APL1310P1-R47M
Description  Shielded Construction - DIP / APL Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

APL1310P1-R47M Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  APL1310P1-R47M Datasheet HTML 1Page - List of Unclassifed Manufacturers APL1310P1-R47M Datasheet HTML 2Page - List of Unclassifed Manufacturers APL1310P1-R47M Datasheet HTML 3Page - List of Unclassifed Manufacturers APL1310P1-R47M Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PCB Pattern
2. Dimension.
6.0 Max.
APL0806P-C
8.2 Max.
8.2 Max.
3.5±0.5
7.0 Max.
APL0806P
8.2 Max.
8.2 Max.
3.5±0.5
APL1008P
11.0 Max.
11.5 Max.
3.5±0.5
APL11T08PM
11.7 Max.
9.7 Max.
3.5±0.5
4. High frequency range up to 1.0 MHz.
11.7 Max.
11.7 Max.
3.5±0.5
1
2
3
4
5
6
APL 1310 P1 - R47 M - C
APL1108P-C
C
3.5±0.5
Shielded Construction - DIP / APL Series
■ Feature
■ Application
■ Product Identification
5. Very low DC resistance.
1. Ultra low cost.
2. DC/DC converter in distributed power systems
3. High current rating up to DC 40 Amp.
■ Configurations & Dimensions
A
※ Please contact with our sales department for detail dimension and recommend PCB layout.
B
APL1108P
11.7 Max.
11.7 Max.
3.5±0.5
8.5 Max.
8.5 Max.
D
10.0 Max.
8.5 Max.
9.5 Max.
Unit: mm
Series Name
APL1310P
13.5 Max.
12.5 Max.
2. Shielded construction.
4. Inductance. ( See Details )
6. All lead-free. (RoHS)
1. Motherboards for laptop and desktop computers.
3. Inductor for general purpose use.
1. Series Name.
or VRM applications.
5. Tolerance. ( See Details )
3. RI core material.
6. Cover type RI core.
E
A
D
C
2- d
a
b


Similar Part No. - APL1310P1-R47M

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
APL1335 ASB-APL1335 Datasheet
202Kb / 2P
PLL Synthesizer Module
June 2010
APL1345 ASB-APL1345 Datasheet
140Kb / 1P
PLL Module
March 2004
APL1345 ASB-APL1345_13 Datasheet
118Kb / 2P
PLL Synthesizer Module
June 2010
APL1395 ASB-APL1395 Datasheet
140Kb / 1P
PLL Module
March 2004
APL1395 ASB-APL1395 Datasheet
118Kb / 2P
PLL Synthesizer Module
June 2010
More results

Similar Description - APL1310P1-R47M

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH10D48AA SUMIDA-CDRH10D48AA Datasheet
228Kb / 2P
Magnetically shielded construction
CDRH2D11 SUMIDA-CDRH2D11_13 Datasheet
136Kb / 4P
Magnetically shielded construction.
logo
TOKO, Inc
181LY-102J TOKO-181LY-102J Datasheet
260Kb / 2P
Magnetically shielded construction
logo
jb Capacitors Company
JFA JBCAPACITORS-JFA Datasheet
267Kb / 1P
Inductive welded construction epoxy dip coated
logo
XFMRS Inc.
XFTPRH105 XFMRS-XFTPRH105 Datasheet
519Kb / 3P
Shielded construction
logo
Bourns Electronic Solut...
SRP5030TA-R10Y BOURNS-SRP5030TA-R10Y Datasheet
415Kb / 3P
Shielded construction
SRU8045A-3R5Y BOURNS-SRU8045A-3R5Y Datasheet
263Kb / 3P
Shielded construction
logo
Vishay Siliconix
IHLP-6767GZ-51 VISHAY-IHLP-6767GZ-51 Datasheet
278Kb / 6P
Shielded construction
02-Mar-17
logo
AVX Corporation
LMXSF AVX-LMXSF Datasheet
91Kb / 4P
Magnetically Shielded Construction
LMXSL AVX-LMXSL Datasheet
86Kb / 2P
Magnetically Shielded Construction
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com