Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5600-ASOM Datasheet(PDF) 11 Page - OSRAM GmbH

Part # AS5600-ASOM
Description  12-Bit Programmable Contactless Potentiometer
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS5600-ASOM Datasheet(HTML) 11 Page - OSRAM GmbH

Back Button AS5600-ASOM Datasheet HTML 7Page - OSRAM GmbH AS5600-ASOM Datasheet HTML 8Page - OSRAM GmbH AS5600-ASOM Datasheet HTML 9Page - OSRAM GmbH AS5600-ASOM Datasheet HTML 10Page - OSRAM GmbH AS5600-ASOM Datasheet HTML 11Page - OSRAM GmbH AS5600-ASOM Datasheet HTML 12Page - OSRAM GmbH AS5600-ASOM Datasheet HTML 13Page - OSRAM GmbH AS5600-ASOM Datasheet HTML 14Page - OSRAM GmbH AS5600-ASOM Datasheet HTML 15Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
Page 10
ams Datasheet
Document Feedback
[v1-06] 2018-Jun-20
AS5600 − Detailed Description
I²C Interface
The AS5600 supports the 2-wire Fast-mode Plus I²C-slave
protocol in device mode, in compliance with the NXP
Semiconductors (formerly Philips Semiconductors)
specification UM10204. A device that sends data onto the bus
is a transmitter and a device receiving data is a receiver. The
device that controls the message is called a master. The devices
that are controlled by the master are called slaves. A master
device generates the serial clock (SCL), controls the bus access,
and generates the START and STOP conditions that control the
bus. The AS5600 always operates as a slave on the I²C bus.
Connections to the bus are made through the open-drain I/O
lines SDA and the input SCL. Clock stretching is not included.
The host MCU (master) initiates data transfers. The 7-bit slave
address of the AS5600 is 0x36 (0110110 in binary).
Supported Modes
• Random/Sequential read
• Byte/Page write
• Automatic increment (ANGLE register)
• Standard-mode
• Fast-mode
• Fast–mode plus
The SDA signal is the bidirectional data line. The SCL signal is
the clock generated by the I²C bus master to synchronize
sampling data from SDA. The maximum SCL frequency is 1 MHz.
Data is sampled on the rising edge of SCL.
I²C Interface Operation
Figure 14:
I²C Timing Diagram
SDA
SCL
Start
Stop
tbuf
tLOW tR
tHD.STA
tHIGH
tF
tSU.DAT
tSU.STA
tHD.STA
tSU.STO
Repeated
Start
tHD.DAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com