Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5600-ASOM Datasheet(PDF) 19 Page - OSRAM GmbH

Part # AS5600-ASOM
Description  12-Bit Programmable Contactless Potentiometer
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS5600-ASOM Datasheet(HTML) 19 Page - OSRAM GmbH

Back Button AS5600-ASOM Datasheet HTML 15Page - OSRAM GmbH AS5600-ASOM Datasheet HTML 16Page - OSRAM GmbH AS5600-ASOM Datasheet HTML 17Page - OSRAM GmbH AS5600-ASOM Datasheet HTML 18Page - OSRAM GmbH AS5600-ASOM Datasheet HTML 19Page - OSRAM GmbH AS5600-ASOM Datasheet HTML 20Page - OSRAM GmbH AS5600-ASOM Datasheet HTML 21Page - OSRAM GmbH AS5600-ASOM Datasheet HTML 22Page - OSRAM GmbH AS5600-ASOM Datasheet HTML 23Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 44 page
background image
Page 18
ams Datasheet
Document Feedback
[v1-06] 2018-Jun-20
AS5600 − Register Description
The following registers are accessible over the serial I²C
interface. The 7-bit device address of the slave is 0x36
(0110110 in binary). To permanently program a configuration,
a non-volatile memory (OTP) is provided.
Figure 21:
Register Map
Note(s):
1. To change a configuration, read out the register, modify only the desired bits and write the new configuration. Blank fields may
contain factory settings.
2. During power-up, configuration registers are reset to the permanently programmed value. Not programmed bits are zero.
Address
Name
R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Configuration Registers (1), (2)
0x00
ZMCO
RZMCO(1:0)
0x01
ZPOS
R/W/P
ZPOS(11:8)
0x02
ZPOS(7:0)
0x03
MPOS
R/W/P
MPOS(11:8)
0x04
MPOS(7:0)
0x05
MANG
R/W/P
MANG(11:8)
0x06
MANG(7:0)
0x07
CONF
R/W/P
WD
FTH(2:0)
SF(1:0)
0x08
PWMF(1:0)
OUTS(1:0)
HYST(1:0)
PM(1:0)
Output Registers
0x0C
RAW
ANGLE
RRAW ANGLE(11:8)
0x0D
R
RAW ANGLE(7:0)
0x0E
ANGLE
R
ANGLE(11:8)
0x0F
R
ANGLE(7:0)
Status Registers
0x0B
STATUS
RMD
ML
MH
0x1A
AGC
RAGC(7:0)
0x1B
MAGNITUDE
R
MAGNITUDE (11:8)
0x1C
R
MAGNITUDE(7:0)
Burn Commands
0xFF
BURN
W
Burn_Angle = 0x80; Burn_Setting = 0x40
Register Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com