Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCL6113 Datasheet(PDF) 2 Page - Nippon Pulse America, Inc.

Part # PCL6113
Description  Programmable Pulse Generators PCL/PCD Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPM [Nippon Pulse America, Inc.]
Direct Link  https://www.nipponpulse.com
Logo NPM - Nippon Pulse America, Inc.

PCL6113 Datasheet(HTML) 2 Page - Nippon Pulse America, Inc.

  PCL6113 Datasheet HTML 1Page - Nippon Pulse America, Inc. PCL6113 Datasheet HTML 2Page - Nippon Pulse America, Inc. PCL6113 Datasheet HTML 3Page - Nippon Pulse America, Inc. PCL6113 Datasheet HTML 4Page - Nippon Pulse America, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Chip Number
PCL-240AK
PCL-240MK
PCL-240AS
PCL-240MS
PCL5023
PCL6025
Specifications
Reference Clock
4.9152MHz
4.9152MHz
19.6608MHz
19.6608MHz
Max. Output Speed
240Kpps
2.4Mpps
4.9Mpps
6.5Mpps
Pulse Rate Resistors
FL, FH1, FH2
FL, FH1, FH2
FL, FH
FL, FH, FA (Correction Speed)
per each axis
Pulse Rate Resolution
1 ~ 8,191 (13-bit)
1 ~ 8,191 (13-bit)
1 ~ 32,767 (15-bit)
1 ~ 65,535 (16-bit)
Pulse Rate Multiplication
0.01x ~ 30x
0.01x ~ 300x
0.05x - 75x
0.1x ~ 100x
Accel/Decel Setting Range
2 ~ 16,383*
1 ~ 65,535*
1 ~ 65,535
1 ~ 65,535 (16-bit)
Positioning Pulse Setting
Range
1 ~ 16,777,215 (24-bit)
1, 16,777,215 (24-bit)
0 ~ 268,435,455 (28-bit)
-134,217,728 ~ +134,217,727
(28-bit)
Ramping Down Pulse
Setting Range
1 ~ 1,048,575
1 ~ 16,777,215
0 ~ 16,777,215
0 ~16,777,215 (24-bit)
Extra Provisions
Up/Down Counter
24-bit x 1
24-bit x 1
28-bit x 2
28-bit x 3
(per axis with 16-bit
deviation counter)
Comparator
—
—
—
28-bit x 5 (per axis)
Encoder Input
(up to 4x multiplication)
Yes
Yes
Yes
Yes
Multi-Pupose Input/
Output Pin(s)
1 / 1
1 / 2
8
8
CPU Interface
8-bit bus
8-bit bus
8-bit / 16-bit bus
8-bit / 16-bit bus
Additional Functions
S-Curve Accel/Decel Control
—
Yes
Yes
(S-curve / S-curve w/ Linear)
Yes
(S-curve / S-curve w/ Linear)
Prebuffers for Continuous
Positioning Control
—
—
—
—
Microsteps
—
—
Yes (1 ~ 1/16)
Yes
Present Position Counter Reset
—
—
—
Yes
Origin Return with
Encoder Connected
Yes
Yes
Yes
Yes
Origin Search/Escape Function
—
—
—
—
1-Pulse Output
—
—
Yes
—
Idling Pulse(s) Output
—
—
Yes (0 ~ 7)
Yes (0~7)
Repeat Function
—
—
—
—
Pulser Input
—
—
Yes
Yes
Out-of-Step Detector
—
—
Yes
Yes
Interpolation Function
—
Yes (Linear)
Linear, Circulation
Number of Controllable
Axes per Chip
1
1
2
2
Exciting Signal Output
—
—
—
Applicable Motor
DC/AC Servomotor
Yes
Yes
Yes
Yes
Linear Motor
Yes
Yes
Yes
Yes
Direct Drive Motor
—
Yes
Yes
Number of Pins (Package)
240AK: 40 (DIP 600mil)
240MK: 44 (QFP)
240AS: 40 (DIP 600mil)
240AK: 44 (QFP)
100 (QFP)
128 (QFP)
*Note: Accel and decel are set separately from each other on the PCL240AK, PCL240MK, PCL-240AS, and the PCL-240MS .



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com