Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCL6113 Datasheet(PDF) 4 Page - Nippon Pulse America, Inc.

Part # PCL6113
Description  Programmable Pulse Generators PCL/PCD Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPM [Nippon Pulse America, Inc.]
Direct Link  https://www.nipponpulse.com
Logo NPM - Nippon Pulse America, Inc.

PCL6113 Datasheet(HTML) 4 Page - Nippon Pulse America, Inc.

  PCL6113 Datasheet HTML 1Page - Nippon Pulse America, Inc. PCL6113 Datasheet HTML 2Page - Nippon Pulse America, Inc. PCL6113 Datasheet HTML 3Page - Nippon Pulse America, Inc. PCL6113 Datasheet HTML 4Page - Nippon Pulse America, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Chip Number
PCD4500
PCD4511
PCD4521
PCD4541
Specifications
Reference Clock
4.9152MHz
4.9152MHz
4.9152MHz
4.9152MHz
Max. Output Speed
400Kpps
400Kpps
400Kpps
400Kpps
Pulse Rate Resistors
2 (FL, FH)
2 (FL, FH)
2 (FL, FH) per axis
2 (FL, FH) per axis
Pulse Rate Resolution
1 ~ 8,191 (13-bit)
1 ~ 8,191 (13-bit)
1 ~ 8,191 (13-bit)
1 ~ 8,191 (13-bit)
Pulse Rate Multiplication
1x ~ 50x
1x ~ 50x
1x ~ 50x
1x ~ 50x
Accel/Decel Setting Range
2 ~ 1,023
2 ~ 1,023
2 ~ 1,023
2 ~ 1,023
Positioning Pulse Setting
Range
1 ~ 262,143 (18-bit)
1 ~ 262,143 (18-bit)
1 ~ 262,143 (18-bit)
1 ~ 262,143 (18-bit)
Ramping Down Pulse
Setting Range
1 ~ 65,535
1 ~ 65,535
1 ~ 65,535
1 ~ 65,535
Extra Provisions
Up/Down Counter
—
—
—
—
Comparator
—
—
—
—
Encoder Input
(up to 4x multiplication)
—
—
—
—
Multi-Pupose Input/
Output Pin(s)
1 output
1 output
2 output
4 output
CPU Interface
8-bit bus
8-bit bus
8-bit bus
8-bit bus
Additional Functions
S-Curve Accel/Decel Control
—
Yes
Yes
Yes
Prebuffers for Continuous
Positioning Control
—
—
—
—
Microsteps
—
—
—
—
Present Position Counter Reset
—
—
—
—
Origin Return with
Encoder Connected
—
—
—
—
Origin Search/Escape Function
—
—
—
—
1-Pulse Output
—
—
—
—
Idling Pulse(s) Output
Yes (0 ~ 7)
Yes (0 ~ 7)
Yes (0 ~ 7)
Yes (0 ~ 7)
Repeat Function
—
—
—
—
Pulser Input
—
—
—
—
Out-of-Step Detector
—
—
—
—
Interpolation Function
—
—
—
—
Number of Controllable
Axes per Chip
1
1
2
4
Exciting Signal Output
Yes (bipolar and unipolar)
Yes (bipolar and unipolar)
Yes (bipolar and unipolar)
Yes (bipolar and unipolar)
Applicable Motor
—
—
—
—
DC/AC Servomotor
—
—
—
—
Linear Motor
—
—
—
—
Direct Drive Motor
—
—
—
—
Number of Pins (Package)
44 (QFP)
44 (QFP)
64 (QFP)
100 (QFP)
CC-20050224-200



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com